Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC1078CD Datasheet (PDF) - Texas Instruments

TLC1078CD Datasheet PDF - Texas Instruments
Part # TLC1078CD
Download  TLC1078CD Download
File Size   1057.26 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOS μPOWER PRECISION OPERATIONAL AMPLIFIERS

TLC1078CD Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC1078CD Datasheet PDF - Texas Instruments

Part # TLC1078CD
Download  TLC1078CD Click to download

File Size   1057.26 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOS μPOWER PRECISION OPERATIONAL AMPLIFIERS

TLC1078CD Datasheet (HTML) - Texas Instruments


TLC1078CD Product details

Power Dissipation as Low as 10 μW Typ Per
Amplifier
Operates on a Single Silver-Oxide Watch
Battery, VDD = 1.4 V Min
VIO . . . 450 μV/850 μV Max in DIP and
Small-Outline Package (TLC1078/79)
Input Offset Voltage Drift . . . 0.1 μV/Month
Typ, Including the First 30 Days
High-impedance LinCMOS Inputs
IIB = 0.6 pA Typ
High Open-Loop Gain . . . 800000 Typ
Output Drive Capability > 20 mA
Slew Rate . . . 47 V/ms Typ
Common-Mode Input Voltage Range
Extends Below the Negative Rail
Output Voltage Range Includes Negative
Rail
On-Chip ESD-Protection Circuitry
Small-Outline Package Option Also
Available in Tape and Reel

description
The TLC107x operational amplifiers offer ultralow
offset voltage, high gain, 110-kHz bandwidth,
47-V/ms slew rate, and just 150-μW power
dissipation per amplifier.
With a supply voltage of 1.4 V, common-mode
input to the negative rail, and output swing to the
negative rail, the TLC107xC is an ideal solution for
low-voltage battery-operated systems. The
20-mA output drive capability means that the
TLC107x can easily drive small resistive and large
capacitive loads when needed, while maintaining
ultra-low standby power dissipation.
Since this device is functionally compatible as well
as pin compatible with the TLC27L2/4 and
TLC27L7/9, the TLC107x easily upgrades
existing designs that can benefit from its improved
performance.




Similar Part No. - TLC1078CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1078CD TI-TLC1078CD Datasheet
530Kb / 33P
LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC1078CD TI-TLC1078CD Datasheet
1Mb / 36P
LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC1078CDG4 TI-TLC1078CDG4 Datasheet
1Mb / 36P
LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC1078CDR TI-TLC1078CDR Datasheet
1Mb / 36P
LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
More results


Similar Description - TLC1078CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC272 TI-TLC272 Datasheet
588Kb / 36P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC1078CDRG4 TI-TLC1078CDRG4 Datasheet
1Mb / 36P
LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com