Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC555 Datasheet (PDF) - Texas Instruments

TLC555 Datasheet PDF - Texas Instruments
Part # TLC555
Download  TLC555 Download
File Size   1018.01 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC555-Q1 Automotive LinCMOS™ Technology Timer

TLC555 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC555 Datasheet PDF - Texas Instruments

Part # TLC555
Download  TLC555 Click to download

File Size   1018.01 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC555-Q1 Automotive LinCMOS™ Technology Timer

TLC555 Datasheet (HTML) - Texas Instruments


TLC555 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Very-low power consumption
– 1mW (typical) at VDD = 5V
• Capable of operation in astable mode
• CMOS output capable of swinging rail to rail
• High-output-current capability
– Sink 100mA (typical)
– Source 10mA (typical)
• Output fully compatible with CMOS, TTL, and
MOS
• Low supply current reduces spikes during output
transitions
• Single-supply operation from 2V to 15V
• Temperature range: –40°C to +125°C
• Functionally interchangeable with the NE555; has
same pinout

2 Applications
• Precision timing
• Pulse generation
• Sequential timing
• Time delay generation
• Pulse width modulation
• Pulse position modulation
• Linear ramp generators
• Automotive lamp and LED lighting
• Telematics

3 Description
The TLC555-Q1 is a monolithic timing circuit
fabricated using TI LinCMOS™ technology. The timer
is fully compatible with CMOS, TTL, and MOS logic
and operates at frequencies up to 2MHz. As a result
of the high input impedance, this device supports
smaller timing capacitors than capacitors used by
the NE555. Thus, more accurate time delays and
oscillations are possible. Power consumption is low
across the full power-supply voltage range.
Like the NE555, the TLC555-Q1 has a trigger level
equal to approximately one-third of the supply voltage,
and a threshold level equal to approximately twothirds
of the supply voltage. These levels can be
altered by using the control voltage pin (CONT).
When the trigger input (TRIG) falls below the trigger
level, the flip-flop is set, and the output goes high.
If TRIG is greater than the trigger level and the
threshold input (THRES) is greater than the threshold
level, the flip-flop is reset and the output goes low.
The reset input (RESET) can override all other inputs
and is used to initiate a new timing cycle. If RESET
is low, the flip-flop is reset and the output goes low.
Whenever the output is low, a low-impedance path
is provided between the discharge pin (DISCH) and
GND. Tie all unused inputs to an appropriate logic
level to prevent false triggering.




Similar Part No. - TLC555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555 TI-TLC555 Datasheet
404Kb / 19P
LinCMOSE TIMERS
TLC555 TI1-TLC555 Datasheet
1Mb / 25P
LinCMOSE TIMERS
logo
Tiger Electronic Co.,Lt...
TLC555 TGS-TLC555 Datasheet
1Mb / 9P
C-MOS
logo
Texas Instruments
TLC555 TI-TLC555 Datasheet
1Mb / 42P
TLC555 LinCMOS??Timer
TLC555 TI1-TLC555 Datasheet
992Kb / 42P
TLC555 LinCMOS™ Timer
REVISED JULY 2019
More results


Similar Description - TLC555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555-Q1 TI-TLC555-Q1 Datasheet
195Kb / 13P
LinCMOS??TIMER
TLC555-DIE TI1-TLC555-DIE Datasheet
71Kb / 5P
LinCMOS??TIMER
TLC555-Q1 TI1-TLC555-Q1 Datasheet
475Kb / 25P
LinCMOS TIMER
TLC555 TI-TLC555_V01 Datasheet
1Mb / 42P
TLC555 LinCMOS??Timer
TPS3435-Q1 TI-TPS3435-Q1 Datasheet
1Mb / 29P
TPS3435-Q1 Automotive Nano IQ Precision Watchdog Timer
OCTOBER 2022
TPS3436-Q1 TI-TPS3436-Q1 Datasheet
1Mb / 30P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
OCTOBER 2022
TPS3436-Q1 TI1-TPS3436-Q1_V01 Datasheet
1Mb / 37P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
REVISED JUNE 2023
TPS3435-Q1 TI1-TPS3435-Q1_V01 Datasheet
1Mb / 36P
TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS3436-Q1 TI1-TPS3436-Q1_V02 Datasheet
1Mb / 37P
TPS3436-Q1 Automotive Nano IQ Precision Window Watchdog Timer
REVISED JUNE 2023
TLC555 TI1-TLC555_V02 Datasheet
992Kb / 42P
TLC555 LinCMOS™ Timer
REVISED JULY 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com