Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV62569A Datasheet (PDF) - Texas Instruments

TLV62569A Datasheet PDF - Texas Instruments
Part # TLV62569A
Download  TLV62569A Download
File Size   1059.48 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6256xA 1-A, 2-A Step Down Converter with Forced PWM in SOT563 Package

TLV62569A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV62569A Datasheet PDF - Texas Instruments

Part # TLV62569A
Download  TLV62569A Click to download

File Size   1059.48 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV6256xA 1-A, 2-A Step Down Converter with Forced PWM in SOT563 Package

TLV62569A Datasheet (HTML) - Texas Instruments


TLV62569A Product details

1 Features
1• Forced PWM to reduce output voltage ripple
• Up to 95% efficiency
• Low RDS(ON) switches: 100 mΩ / 60 mΩ
• 2.5-V to 5.5-V input voltage range
• Adjustable output voltage from 0.6 V to VIN
• 100% duty cycle for lowest dropout
• 1.5-MHz typical switching frequency
• Power good output
• Over current protection
• Internal soft startup
• Thermal shutdown protection
• Available in SOT563 package
• Pin-to-pin compatible with TLV62568, TLV62569
• Create a custom design with the WEBENCH®
Power Designer

2 Applications
• General purpose point-of-load (POL) supply
• STB & DVR
• IP network camera
• Wireless router
• Solid state drive (SSD) – enterprise

3 Description
The TLV62568A, TLV62569A devices are
synchronous step-down buck DC-DC converters
optimized for high efficiency and compact solution
size. The device integrates switches capable of
delivering an output current up to 2 A. At the whole
load range, the device operates in pulse width
modulation (PWM) mode with 1.5-MHz switching
frequency. In shutdown, the current consumption is
reduced to less than 2 μA.
An internal soft start circuit limits the inrush current
during startup. Other features like over current
protection, thermal shutdown protection and power
good are built-in. The device is available in a SOT563
package.




Similar Part No. - TLV62569A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569A TI1-TLV62569A Datasheet
1Mb / 22P
1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TLV62569ADRL TI1-TLV62569ADRL Datasheet
1Mb / 22P
1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TLV62569ADRLR TI1-TLV62569ADRLR Datasheet
1Mb / 22P
1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TLV62569ADRLT TI1-TLV62569ADRLT Datasheet
1Mb / 22P
1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TLV62569APDRL TI1-TLV62569APDRL Datasheet
1Mb / 22P
1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
More results


Similar Description - TLV62569A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
1-A Step Down Converter in 2 x 2 SON Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
1-A Step Down Converter in 2 x 2 QFN Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
1-A Step Down Converter in 2 x 2 QFN Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
1-A Step Down Converter in 2 x 2 QFN Package
TPS62290 TI1-TPS62290_16 Datasheet
1Mb / 27P
1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI1-TPS62290_17 Datasheet
1Mb / 27P
1-A Step Down Converter in 2 x 2 DRV Package
TLV62568A TI1-TLV62568A Datasheet
1Mb / 22P
1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com