Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV8802 Datasheet (PDF) - Texas Instruments

TLV8802 Datasheet PDF - Texas Instruments
Part # TLV8802
Download  TLV8802 Download
File Size   998.47 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems

TLV8802 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV8802 Datasheet PDF - Texas Instruments

Part # TLV8802
Download  TLV8802 Click to download

File Size   998.47 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems

TLV8802 Datasheet (HTML) - Texas Instruments


TLV8802 Product details

1 Features
1• For Cost-Optimized Systems
• Nanopower Supply Current: 320 nA/channel
• Offset Voltage: 4.5 mV (max)
• Good TcVos: 1 μV/°C
• Unity Gain-Bandwidth: 6 kHz
• Unity-Gain Stable
• Low Input Bias Current : 0.1pA
• Wide Supply Range: 1.7 V to 5.5 V
• Rail-to-Rail Output
• No Output Reversals
• EMI Protection
• Temperature Range: –40°C to 125°C
• Industry Standard Packages:
– Single in 5-pin SOT-23
– Dual in 8-pin VSSOP

2 Applications
• Gas Detectors such as CO detectors and O2
detectors
• Motion Detectors Using PIR Sensors
• Ionization Smoke Alarms
• Thermostats
• Remote Sensors, IoT (Internet of Things)
• Active RFID Readers and Tags
• Portable Medical Equipment
• Portable Glucose Monitors

3 Description
The TLV8801 (single) and TLV8802 (dual) family of
ultra-low-power operational amplifiers are ideal for
cost-optimized sensing applications in wireless and
low power wired equipment. The TLV880x amplifiers
minimize power consumption in equipment such as
CO detectors, smoke detectors and motion detecting
security systems (like PIR motion sensing) where
operational battery-life is critical. They also have a
carefully designed CMOS input stage enabling very
low, femto-amp bias currents, thereby reducing IBIAS
and IOS errors that would otherwise impact sensitive
applications like transimpedance amplifier (TIA)
configurations with megaohm feedback resistors, and
high source impedance sensing applications.
Additionally, built-in EMI protection reduces sensitivity
to unwanted RF signals from sources like mobile
phones, WiFi, radio transmitters and tag readers.
The TLV8801 (single) and TLV8802 (dual) channel
versions are available in industry standard 5-pin SOT-
23 and 8-pin VSSOP packages respectively.




Similar Part No. - TLV8802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV8802 TI1-TLV8802 Datasheet
1Mb / 27P
TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8802DGKR TI1-TLV8802DGKR Datasheet
1Mb / 27P
TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8802DGKT TI1-TLV8802DGKT Datasheet
1Mb / 27P
TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
More results


Similar Description - TLV8802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
TLV8801 TI1-TLV8801 Datasheet
1Mb / 27P
TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8811 TI1-TLV8811 Datasheet
735Kb / 26P
425 nA Precision Nanopower Op Amps for Cost-Optimized Systems
TLV8544 TI1-TLV8544 Datasheet
307Kb / 18P
500 nA RRIO Nanopower Operational Amplifier for Cost-Optimized Systems
TLV8544 TI1-TLV8544_17 Datasheet
1Mb / 32P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544 TI1-TLV8544_18 Datasheet
1Mb / 35P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_018 TI1-TLV8544_018 Datasheet
1Mb / 37P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_1808 TI1-TLV8544_1808 Datasheet
2Mb / 42P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV9061_1812 TI1-TLV9061_1812 Datasheet
4Mb / 70P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com