Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5082 Datasheet (PDF) - Maxim Integrated Products

MAX5082 Datasheet PDF - Maxim Integrated Products
Part # MAX5082
Download  MAX5082 Download
File Size   404.18 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.5A, 40V, MAXPower Step-Down DC-DC Converters

MAX5082 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5082 Datasheet PDF - Maxim Integrated Products

Part # MAX5082
Download  MAX5082 Click to download

File Size   404.18 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.5A, 40V, MAXPower Step-Down DC-DC Converters

MAX5082 Datasheet (HTML) - Maxim Integrated Products


MAX5082 Product details

General Description
The MAX5082/MAX5083 are 250kHz PWM step-down DC-DC converters with an on-chip, 0.3Ω high-side switch. The input voltage range is 4.5V to 40V for the MAX5082 and 7.5V to 40V for the MAX5083. The output is adjustable from 1.23V to 32V and can deliver up to 1.5A of load current.

Features
♦ 4.5V to 40V (MAX5082) or 7.5V to 40V (MAX5083) Input Voltage Range
♦ 1.5A Output Current
♦ VOUT Range From 1.23V to 32V
♦ Internal High-Side Switch
♦ Fixed 250kHz Internal Oscillator
♦ Automatic Switchover to Pulse-Skip Mode at Light Loads
♦ External Frequency Synchronization
♦ Thermal Shutdown and Short-Circuit Protection
♦ Operates Over the -40°C to +125°C Temperature Range
♦ Space-Saving (5mm x 5mm) High-Power 16-Pin TQFN Package




Similar Part No. - MAX5082

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5082 MAXIM-MAX5082 Datasheet
1Mb / 18P
1.5A, 40V, MAXPower Step-Down DC-DC Converters
2014
MAX5082ATE MAXIM-MAX5082ATE Datasheet
1Mb / 18P
1.5A, 40V, MAXPower Step-Down DC-DC Converters
2014
MAX5082 MAXIM-MAX5082_V01 Datasheet
1Mb / 18P
1.5A, 40V, MAXPower Step-Down DC-DC Converters
2014
More results


Similar Description - MAX5082

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080 Datasheet
962Kb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
logo
Torex Semiconductor
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
2018
MAX5082 MAXIM-MAX5082_V01 Datasheet
1Mb / 18P
1.5A, 40V, MAXPower Step-Down DC-DC Converters
2014
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com