Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX154EDGSR Datasheet (PDF) - Texas Instruments

TMUX154EDGSR Datasheet PDF - Texas Instruments
Part # TMUX154EDGSR
Download  TMUX154EDGSR Download
File Size   1002.05 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX154E ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection

TMUX154EDGSR Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX154EDGSR Datasheet PDF - Texas Instruments

Part # TMUX154EDGSR
Download  TMUX154EDGSR Click to download

File Size   1002.05 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX154E ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection

TMUX154EDGSR Datasheet (HTML) - Texas Instruments


TMUX154EDGSR Product details

1 Features
1• VCC Operation at 3 V to 4.3 V
• I/O Pins Can Tolerate up to 5.25 V
• 1.8-V Compatible Control Logic
• Supports Powered-off Protection I/O Pins Hi-Z
When VCC = 0 V
• RON = 10 Ω Maximum
• ΔRON = 0.35 Ω Typical
• Cio(ON) = 7.5 pF Typical
• Low Power Consumption (1 uA Maximum)
• –3-dB Bandwidth = 900 MHz Typical
• Latch-Up Performance Exceeds
100 mA Per JESD 78, Class II (1)
• ESD Performance Tested Per JESD 22
– 8000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
• ESD Performance I/O Port to GND (2)
– 15000-V Human-Body Model

2 Applications
• Portable Electronics
• Printers and other Peripherals
• Electronic Point of Sale
• Building Automation
• Servers

3 Description
The TMUX154E is a high-bandwidth 2:1 switch
specially designed for the switching of high-speed
signals in applications with limited I/Os. The wide
bandwidth (900 MHz) of this switch allows signals to
pass with minimum edge and phase distortion. The
switch is bidirectional and offers little or no
attenuation of high-speed signals. It is designed for
low bit-to-bit skew and high channel-to-channel noise
isolation.
The TMUX154E integrates ESD protection cells on all
pins, is available in a tiny UQFN package (1.8 mm ×
1.4 mm) or a VSSOP package, and is characterized
over the free-air temperature range of –40°C to 85°C.




Similar Part No. - TMUX154EDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX154EDGSR TI1-TMUX154EDGSR Datasheet
1Mb / 26P
ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
TMUX154EDGSR TI2-TMUX154EDGSR Datasheet
1,011Kb / 29P
TMUX154E ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
FEBRUARY 2018
TMUX154EDGSR.B TI2-TMUX154EDGSR.B Datasheet
1,011Kb / 29P
TMUX154E ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
FEBRUARY 2018
More results


Similar Description - TMUX154EDGSR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
logo
Diodes Incorporated
DM1231-02SO DIODES-DM1231-02SO Datasheet
423Kb / 5P
2-CHANNEL LOW CAPACITANCE ESD PROTECTION ARRAY
Rev 3
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_16 Datasheet
576Kb / 12P
1, 2 and 4-Channel Low Capacitance ESD Protection Array
October, 2016 ??Rev. 11
logo
Texas Instruments
TMUX154E TI1-TMUX154E Datasheet
1Mb / 26P
ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
TMUX1511 TI1-TMUX1511 Datasheet
306Kb / 22P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574 Datasheet
563Kb / 28P
Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1511 TI1-TMUX1511_18 Datasheet
891Kb / 26P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574_V01 Datasheet
1Mb / 41P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
logo
FutureWafer Tech Co.,Lt...
FDA0531D FUTUREWAFER-FDA0531D Datasheet
1Mb / 7P
2 Channel Ultra low capacitance ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com