Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL7407LD Datasheet (PDF) - Texas Instruments

TPL7407LD Datasheet PDF - Texas Instruments
Part # TPL7407LD
Download  TPL7407LD Download
File Size   1035.16 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL7407L 40-V 7-Channel Low Side Driver

TPL7407LD Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL7407LD Datasheet PDF - Texas Instruments

Part # TPL7407LD
Download  TPL7407LD Click to download

File Size   1035.16 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL7407L 40-V 7-Channel Low Side Driver

TPL7407LD Datasheet (HTML) - Texas Instruments


TPL7407LD Product details

1 Features
1• 600-mA Rated Drain Current (Per Channel)
• CMOS Pin-to-Pin Improvement of 7-channel
Darlington Array (e.g. ULN2003A)
• Power Efficient (Very low VOL)
– Less Than 4 Times Lower VOL at 100 mA Than
Darlington Array
• Very Low Output Leakage < 10 nA Per Channel
• Extended Ambient Temperature Range:
TA = –40°C to 125°C
• High-Voltage Outputs 40 V
• Compatible with 1.8-V to 5.0-V Micro-controllers
and Logic Interface
• Internal Free-wheeling Diodes for Inductive Kickback
Protection
• Input Pull-down Resistors Allows Tri-stating the
Input Driver
• Input RC-Snubber to Eliminate Spurious
Operation in Noisy Environment
• Inductive Load Driver Applications
• ESD Protection Exceeds JESD 22
– 2-kV HBM, 500-V CDM
• Available in 16-pin SOIC and TSSOP Packages

2 Applications
• Inductive Loads
– Relays
– Unipolar Stepper & Brushed DC Motors
– Solenoids & Valves
• LEDs
• Logic Level Shifting
• Gate & IGBT Drive

3 Description
The TPL7407L is a high-voltage, high-current NMOS
transistor array. This device consists of seven NMOS
transistors that feature high-voltage outputs with
common-cathode clamp diodes for switching
inductive loads. The maximum drain-current rating of
a single NMOS channel is 600 mA. New regulation
and drive circuitry added to give maximum drive
strength across all GPIO ranges (1.8 V – 5.0 V).The
transistors can be paralleled for higher current
capability.
The TPL7407L's key benefit is its improved power
efficiency and lower leakage than a Bipolar Darlington
Implementation. With the lower VOL the user is
dissipating less than half the power than traditional
relay drivers with currents less than 250 mA per
channel.




Similar Part No. - TPL7407LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL7407LD TI1-TPL7407LD Datasheet
919Kb / 23P
TPL7407L 40-V 7-Channel Low Side Driver
TPL7407LDR TI1-TPL7407LDR Datasheet
919Kb / 23P
TPL7407L 40-V 7-Channel Low Side Driver
More results


Similar Description - TPL7407LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL7407L TI-TPL7407L_15 Datasheet
844Kb / 23P
TPL7407L 40-V 7-Channel Low Side Driver
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
4 channel low-side driver
Rev. 1.2, May 2014
logo
Texas Instruments
TPL7407L TI1-TPL7407L_16 Datasheet
919Kb / 23P
TPL7407L 40-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA_18 Datasheet
1Mb / 25P
30-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
30-V 7-Channel Low Side Driver
TPS929120-Q1 TI1-TPS929120-Q1 Datasheet
1Mb / 104P
12-Channel Automotive 40-V High-Side LED Driver With FlexWire Interface
TPS929121-Q1 TI-TPS929121-Q1 Datasheet
7Mb / 166P
TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
TPS929121-Q1 TI-TPS929121-Q1_V01 Datasheet
8Mb / 168P
TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com