Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2145 Datasheet (PDF) - Texas Instruments

TPS2145 Datasheet PDF - Texas Instruments
Part # TPS2145
Download  TPS2145 Download
File Size   1071.27 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS

TPS2145 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2145 Datasheet PDF - Texas Instruments

Part # TPS2145
Download  TPS2145 Click to download

File Size   1071.27 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS

TPS2145 Datasheet (HTML) - Texas Instruments


TPS2145 Product details

FEATURES
Two 340-mΩ (Typical) High-Side MOSFETs
200 mA Low-Dropout Voltage Regulator In
Fixed 3.3-V or Adjustable Versions
Independent Thermal- and Short-Circuit
Protection for LDO and Each Switch
Overcurrent Indicators With Transient Filter
2.9-V to 5.5-V Operating Range
CMOS- and TTL-Compatible Enable Inputs
75-μA (Typical) Supply Current
Available in 10-Pin MSOP or 14-Pin TSSOP
(PowerPAD)
−40°C to 85°C Ambient Temperature Range

APPLICATIONS
USB Hubs and Peripherals
− Keyboards
− Zip Drives
− Speakers and Headsets
PDAs and Portable Electronics
DSP Power Sequencing

DESCRIPTION
Two power-distribution switches and an adjustable
(TPS2145) or fixed (TPS2147) LDO are incorporated in
one small package, providing a power management
solution that saves up to 60% in board space over
typical implementations.
Designed to meet USB 2.0 bus-powered hub
requirements, these devices also allow core and I/O
voltage sequencing in DSP applications, or power
segmentation in portable equipment. Each currentlimited
switch is a 340-mΩ N-channel MOSFET capable
of supplying 200 mA of continuous current. A logic
enable compatible with 5-V logic and 3-V logic controls
each MOSFET as well as the LDO in the TPS2145. The
internal charge pump provides the gate drive controlling
the power-switch rise times and fall times, minimizing
current surges during switching. The charge pump
requires no external components.
The LDO has a drop-out voltage of only 0.35 V and with
the independent enable on the TPS2145 LDO, the LDO
can be used as an additional switch. The LDO output
range for the TPS2145 is 1 V to 3.3 V, while the
TPS2147 is fixed at 3.3 V.
The TPS2145 and TPS2147 have active-low switch
enables and the TPS2155 and TPS2157 have
active-high switch enables.




Similar Part No. - TPS2145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2145 TI-TPS2145 Datasheet
570Kb / 29P
LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145 TI-TPS2145 Datasheet
1Mb / 34P
LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145IPWP TI-TPS2145IPWP Datasheet
268Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2145IPWP TI-TPS2145IPWP Datasheet
274Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2145IPWP TI-TPS2145IPWP Datasheet
570Kb / 29P
LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
More results


Similar Description - TPS2145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2145 TI-TPS2145 Datasheet
570Kb / 29P
LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
Advanced Analogic Techn...
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
High Current Charge Pump with Dual LDO for Backlight and Flash Applications
logo
Texas Instruments
TPS2145 TI-TPS2145_08 Datasheet
1Mb / 34P
LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
Advanced Analogic Techn...
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
High Current Charge Pump with Dual LDO for Backlight and Flash Applications
logo
NXP Semiconductors
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
M/A-COM Technology Solu...
M02067 MA-COM-M02067 Datasheet
414Kb / 20P
Rise and fall times <150 ps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com