Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS71202 Datasheet (PDF) - Texas Instruments

TPS71202 Datasheet PDF - Texas Instruments
Part # TPS71202
Download  TPS71202 Download
File Size   1009.97 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator

TPS71202 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS71202 Datasheet PDF - Texas Instruments

Part # TPS71202
Download  TPS71202 Click to download

File Size   1009.97 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator

TPS71202 Datasheet (HTML) - Texas Instruments


TPS71202 Product details

1FEATURES
• Dual 250 mA High-Performance RF LDOs
• Available in Fixed and Adjustable
Voltage Options (1.2 V to 5.5 V)
• High PSRR: 65 dB at 10 kHz
• UltraLow Noise: 32 mVrms
• Fast Start-Up Time: 60 ms
• Stable with 2.2 mF Ceramic Capacitor
• Excellent Load/Line Transient Response
• Very Low Dropout Voltage: 125 mV at 250 mA
• Independent Enable Pins
• Thermal Shutdown and Independent Current
Limit
• Available in Thermally-Enhanced SON
Package: 3mm x 3mm x 1mm

APPLICATIONS
• Cellular and Cordless Phones
• Wireless PDA/Handheld Products
• PCMCIA/Wireless LAN Applications
• Digital Camera/Camcorder/Internet Audio
• DSP/FPGA/ASIC/Controllers and Processors

DESCRIPTION
The TPS712xx family of low-dropout (LDO) voltage
regulators is tailored to noise-sensitive and RF
applications. These products feature dual 250 mA
LDOs with ultralow noise, high power-supply rejection ratio (PSRR), and fast transient and start-up
response. Each regulator output is stable with
low-cost 2.2 mF ceramic output capacitors and
features very low dropout voltages (125 mV typical at
250 mA). Each regulator achieves fast start-up times
(approximately 60 ms with a 0.001 mF bypass
capacitor) while consuming very low quiescent
current (300 mA typical with both outputs enabled).
When the device is placed in standby mode, the
supply current is reduced to less than 0.3 mA typical.
Each regulator exhibits approximately 32 mVrms of
output voltage noise with VOUT = 2.8 V and a 0.01 mF
noise reduction (NR) capacitor. Applications with
analog components that are noise-sensitive, such as
portable RF electronics, will benefit from high PSRR,
low noise, and fast line and load transient features. The TPS712 family is offered in a thin 3mm x 3mm
SON package and is fully specified from -40°C to
+125°C (TJ).




Similar Part No. - TPS71202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
546Kb / 28P
SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI-TPS71202 Datasheet
209Kb / 8P
Power for C5504/05
TPS71202 TI-TPS71202 Datasheet
639Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202 Datasheet
964Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results


Similar Description - TPS71202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com