Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1093 Datasheet (PDF) - Keystone Electronics Corp.

1093 Datasheet PDF - Keystone Electronics Corp.
Part # 1093
Download  1093 Download
File Size   516.66 Kbytes
Page   1 Pages
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.
Description 20mm COIN CELL HOLDERS

1093 Datasheet (PDF)

Go To PDF Page Download Datasheet
1093 Datasheet PDF - Keystone Electronics Corp.

Part # 1093
Download  1093 Click to download

File Size   516.66 Kbytes
Page   1 Pages
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.
Description 20mm COIN CELL HOLDERS

1093 Datasheet (HTML) - Keystone Electronics Corp.




Similar Part No. - 1093

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1093 3M-1093 Datasheet
152Kb / 2P
Polyimide FilmTapeWith Thermosetting Silicone Pressure-SensitiveAdhesive
logo
List of Unclassifed Man...
1093-01A-5 ETC-1093-01A-5 Datasheet
998Kb / 8P
End Launch Connector Series
1093-01A-6 ETC-1093-01A-6 Datasheet
998Kb / 8P
End Launch Connector Series
1093-02A-5 ETC-1093-02A-5 Datasheet
998Kb / 8P
End Launch Connector Series
1093-02A-6 ETC-1093-02A-6 Datasheet
998Kb / 8P
End Launch Connector Series
More results


Similar Description - 1093

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH-25 ADAM-TECH-BH-25 Datasheet
155Kb / 1P
BATTERY HOLDERS COIN CELL BATTERY HOLDERS
logo
Harwin Plc
S8211-46R HARWIN-S8211-46R Datasheet
123Kb / 1P
COIN CELL RETAINER (20MM)(TAPE &REELED)
logo
List of Unclassifed Man...
12BH002-GR ETC2-12BH002-GR Datasheet
83Kb / 1P
20MM Coin Cell Holder Surface Mount
122-2512-GR ETC2-122-2512-GR Datasheet
232Kb / 1P
20mm Coin Cell Battery Holder
122-2520-GR ETC2-122-2520-GR Datasheet
188Kb / 1P
Single 20mm Coin Cell Holder
122-2582-GR ETC2-122-2582-GR Datasheet
216Kb / 1P
20mm Coin Cell Battery Holder
122-2620-GR ETC2-122-2620-GR Datasheet
93Kb / 1P
20mm Coin Cell Battery Holder
122-2820-GR ETC2-122-2820-GR Datasheet
188Kb / 1P
SMT 20mm Coin Cell Battery Holder
logo
SparkFun Electronics
DEV-10730 SPARKFUN-DEV-10730 Datasheet
101Kb / 1P
LilyPad Coin Cell Battery Holder - 20mm
11/24/2015
DEV-11285 SPARKFUN-DEV-11285 Datasheet
106Kb / 1P
LilyPad Coin Cell Battery Holder - Switched - 20mm
10/13/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com