Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3209596 Datasheet (PDF) - PHOENIX CONTACT

3209596 Datasheet PDF - PHOENIX CONTACT
Part # 3209596
Download  3209596 Download
File Size   273.08 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 2,5-QUATTRO-SG WH - Shield connection terminal block

3209596 Datasheet (PDF)

Go To PDF Page Download Datasheet
3209596 Datasheet PDF - PHOENIX CONTACT

Part # 3209596
Download  3209596 Click to download

File Size   273.08 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 2,5-QUATTRO-SG WH - Shield connection terminal block

3209596 Datasheet (HTML) - PHOENIX CONTACT


3209596 Product details

Shield connection terminal block, nom. voltage: 48 V, connection method: Push-in connection,
Rated cross section: 2.5 mm2, cross section: 0.14 mm2 - 4 mm2, mounting type: NS 35/7,5,
NS 35/15, color: white




Similar Part No. - 3209596

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209594 PHOENIX-3209594 Datasheet
134Kb / 6P
PIT 2,5-QUATTRO-PE, Ground modular terminal block
3209595 PHOENIX-3209595 Datasheet
180Kb / 22P
Ground modular terminal block - PT 2,5-QUATTRO-PE BK
More results


Similar Description - 3209596

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3001373 PHOENIX-3001373 Datasheet
86Kb / 5P
Feed-through terminal block - PT 2,5-QUATTRO OG
3209514 PHOENIX-3209514 Datasheet
70Kb / 5P
Feed-through terminal block - PT 2,5 WH
3209579 PHOENIX-3209579 Datasheet
93Kb / 5P
Feed-through terminal block - PT 2,5-QUATTRO WH
3209580 PHOENIX-3209580 Datasheet
188Kb / 21P
Feed-through terminal block - PT 2,5-QUATTRO RD
3209582 PHOENIX-3209582 Datasheet
94Kb / 6P
Feed-through terminal block - PT 2,5-QUATTRO GN
3209583 PHOENIX-3209583 Datasheet
96Kb / 6P
Feed-through terminal block - PT 2,5-QUATTRO YE
3210184 PHOENIX-3210184 Datasheet
204Kb / 26P
Knife disconnect terminal block - PT 2,5-QUATTRO-MTB
3210194 PHOENIX-3210194 Datasheet
96Kb / 7P
Disconnect terminal block - PT 2,5-QUATTRO-TGB
3211019 PHOENIX-3211019 Datasheet
174Kb / 22P
Feed-through terminal block - PT 2,5/S-QUATTRO
3214424 PHOENIX-3214424 Datasheet
186Kb / 19P
Feed-through terminal block - PT 2,5-QUATTRO BK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com