Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4048 Datasheet (PDF) - Adafruit Industries

4048 Datasheet PDF - Adafruit Industries
Part # 4048
Download  4048 Download
File Size   1055.17 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Mini SWD 0.05" Pitch Connector - 10 Pin SMT Box Header

4048 Datasheet (PDF)

Go To PDF Page Download Datasheet
4048 Datasheet PDF - Adafruit Industries

Part # 4048
Download  4048 Click to download

File Size   1055.17 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Mini SWD 0.05" Pitch Connector - 10 Pin SMT Box Header

4048 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 4048

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
404806420002 TEC-404806420002 Datasheet
51Kb / 2P
POTENTIOMETERS INDUCTORS, SMDS SWITCHES, NETWORKS ENCODERS POWER COMPONENTS
logo
Festo Corporation.
4048771 FESTO-4048771 Datasheet
65Kb / 1P
Axial kit
12/28/22
More results


Similar Description - 4048

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC3B26AG1 DUBILIER-DBCIDCC3B26AG1 Datasheet
81Kb / 1P
IDC BOX HEADER SMT 2.54mm
DBCIDCC5S26AG1 DUBILIER-DBCIDCC5S26AG1 Datasheet
78Kb / 1P
IDC BOX HEADER SMT 2.00mm
DBCIDCC7S30BGA1 DUBILIER-DBCIDCC7S30BGA1 Datasheet
84Kb / 1P
IDC BOX HEADER SMT 1.27mm
DBCIDCC4426BG1 DUBILIER-DBCIDCC4426BG1 Datasheet
93Kb / 1P
IDC BOX HEADER SMT 1.27mm
logo
Yamaichi Electronics Co...
ZP7-6-SS-G YAMAICHI-ZP7-6-SS-G Datasheet
40Kb / 1P
180째 SMT - Dual Row Box Header
logo
Molex Electronics Ltd.
0476411000 MOLEX6-0476411000 Datasheet
129Kb / 2P
10 PIN MINI USB RECEPTACLE CONNECTOR
logo
Wurth Elektronik GmbH &...
62701020621 WURTH-62701020621 Datasheet
303Kb / 6P
WR-BHD Male SMT Box Header (Tube)
002.000
62702420621 WURTH-62702420621 Datasheet
302Kb / 6P
WR-BHD Male SMT Box Header (Tube)
002.000
62733020621 WURTH-62733020621 Datasheet
388Kb / 6P
WR-BHD Male SMT Box Header (Reel)
001.000
62736020621 WURTH-62736020621 Datasheet
386Kb / 6P
WR-BHD Male SMT Box Header (Reel)
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com