Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4153 Datasheet (PDF) - Adafruit Industries

4153 Datasheet PDF - Adafruit Industries
Part # 4153
Download  4153 Download
File Size   678.37 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Break-away 0.1" 36-pin strip male header - Green - 10 pack

4153 Datasheet (PDF)

Go To PDF Page Download Datasheet
4153 Datasheet PDF - Adafruit Industries

Part # 4153
Download  4153 Click to download

File Size   678.37 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Break-away 0.1" 36-pin strip male header - Green - 10 pack

4153 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 4153

ManufacturerPart #DatasheetDescription
logo
Heyco.
4153 HEYCO-4153 Datasheet
109Kb / 1P
Nylon Wire Harness Clamps
logo
Carclo Technical Plasti...
4153 COIL-4153 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Heyco.
4153-P HEYCO-4153-P Datasheet
109Kb / 1P
Nylon Wire Harness Clamps
logo
Walther-Werke
415304 WALTHER-415304 Datasheet
437Kb / 4P
Channel installation sockets IP 44
415306 WALTHER-415306 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results


Similar Description - 4153

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB12201 ETC1-HB12201 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
logo
3M Electronics
2401-6112TB 3M-2401-6112TB Datasheet
50Kb / 3P
100 and 100 X 100 Pin Strip Header
28-Dec-1999
logo
Aries Electronics, Inc.
T-0600 ARIES-T-0600 Datasheet
360Kb / 1P
Strip Header/Socket Break Tool
logo
3M Electronics
9611025604AR 3M-9611025604AR Datasheet
330Kb / 5P
3M™ Pin Strip Header
16-Oct-2008
961428-8040804-AR 3M-961428-8040804-AR Datasheet
312Kb / 6P
3M™ Pin Strip Header
16-Oct-2008
logo
Assmann Electronics Inc...
AK426-3-R ASSMANN-AK426-3-R Datasheet
259Kb / 1P
CENT 36-PIN MALE TO CENT 36
AK430-3-R ASSMANN-AK430-3-R Datasheet
271Kb / 1P
CENT 36-PIN FEMALE TO CENT 36-PIN
logo
PHOENIX CONTACT
1717330 PHOENIX-1717330 Datasheet
94Kb / 4P
Pin strip - PST 1,3/10-H-5,0
1720288 PHOENIX-1720288 Datasheet
93Kb / 4P
Pin strip - PST 1,0/10-3,5 R56
1737093 PHOENIX-1737093 Datasheet
95Kb / 5P
Pin strip - PST 1,0/10-H-3,5
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com