Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11140_PE28 Datasheet (PDF) - VAT Group AG

11140_PE28 Datasheet PDF - VAT Group AG
Part # 11140_PE28
Download  11140_PE28 Download
File Size   54.21 Kbytes
Page   2 Pages
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG
Description HV gate valve, Series 111, DN 100 (4”)

11140_PE28 Datasheet (PDF)

Go To PDF Page Download Datasheet
11140_PE28 Datasheet PDF - VAT Group AG

Part # 11140_PE28
Download  11140_PE28 Click to download

File Size   54.21 Kbytes
Page   2 Pages
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG
Description HV gate valve, Series 111, DN 100 (4”)

11140_PE28 Datasheet (HTML) - VAT Group AG




Similar Part No. - 11140_PE28

ManufacturerPart #DatasheetDescription
logo
VAT Group AG
11140_PE24 VAT-11140_PE24 Datasheet
128Kb / 2P
HV gate valve, Series 111, DN none
More results


Similar Description - 11140_PE28

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DN10-26S HIROSE-DN10-26S Datasheet
369Kb / 8P
DN SERIES-NEW D SUBMINIATURE INTERFACE CONNECTORS
logo
Yellow Stone Corp
YSC-SL815 YSTONE-YSC-SL815 Datasheet
171Kb / 2P
Compatible with AR-111 module, and take the place of traditional AR-111 spotlight bulb
logo
Tyco Electronics
2-1437580-9 MACOM-2-1437580-9 Datasheet
113Kb / 1P
SLIDE SWITCH SP (MSSA- 111 & 114 )
1-829265-8 MACOM-1-829265-8 Datasheet
177Kb / 2P
HV 100 BUCHSENSTECHER EINREIHIG, 6.2mm HOCH,GOLD
logo
ON Semiconductor
NTMFS5832NLT1G ONSEMI-NTMFS5832NLT1G Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
logo
PHOENIX CONTACT
2736042 PHOENIX-2736042 Datasheet
98Kb / 8P
Distributed I/O device - FLS DN M12 DIO 4/4 M12-2A
logo
Taoglas antenna solutio...
MA111.C.LB.001 TAOGLAS-MA111.C.LB.001_18 Datasheet
1Mb / 16P
MA.111 ULTIMA SERIES
MA111.W.C.LB.001 TAOGLAS-MA111.W.C.LB.001_18 Datasheet
972Kb / 17P
WHITE MA.111 ULTIMA
logo
BELIMO AIRCONTROLS (USA...
CMB24-L-100D BELIMO-CMB24-L-100D Datasheet
557Kb / 5P
Pipe diameter 4??[DN 100] Torque motor 18 in-lb [2 Nm]
logo
Littelfuse
51900001009 LITTELFUSE-51900001009 Datasheet
1Mb / 1P
111/519 Series 5mm Fuse Clips Taped for Automated Insertion
Revised: 02/22/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com