Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS40075 Datasheet (PDF) - Texas Instruments

TPS40075 Datasheet PDF - Texas Instruments
Part # TPS40075
Download  TPS40075 Download
File Size   997.0 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD

TPS40075 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40075 Datasheet PDF - Texas Instruments

Part # TPS40075
Download  TPS40075 Click to download

File Size   997.0 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD

TPS40075 Datasheet (HTML) - Texas Instruments


TPS40075 Product details

1FEATURES
2· Operation Over 4.5-V to 28-V Input Range
· Fixed-Frequency Voltage-Mode Controller
· Integrated Unity Gain Amplifier for Remote
Output Sensing
· Predictive Gate Drive™ Generation II for
Improved Efficiency
· <1% Internal 700-mV Reference
· Input Voltage Feed Forward Control
· Prebiased Output Compatible
· Internal Gate Drive Outputs for High-Side and
Synchronous N-Channel MOSFETs
· Switching Frequency Programmable to 1 MHz
· 20-Pin QFN Package
· Thermal Shutdown Protection
· Software Design Tool and EVM Available

APPLICATIONS
· Power Modules
· Networking/Telecom
· Industrial
· Servers

CONTENTS
Device Ratings 2
Electrical Characteristics 4
Terminal Information 12
Application Information 15
Design Example 26
Additional References 40

DESCRIPTION
The TPS40075 is a mid voltage, wide input (4.5-V to
28-V), synchronous, step-down controller, offering
design flexibility for a variety of user programmable
functions, including; soft start, UVLO, operating
frequency, voltage feed-forward and high-side FET
sensed short circuit protection.
The TPS40075 drives external N-channel MOSFETs
using second generation Predictive Gate Drive to
minimize conduction in the body diode of the low side
FET and maximize efficiency. Pre-biased outputs are
supported by not allowing the low side FET to turn on
until the voltage commanded by the closed loop soft
start is greater than the pre-bias voltage. Voltage
feed forward provides good response to input transients and provides a constant PWM gain over a
wide input voltage operating range to ease
compensation requirements. Programmable short
circuit protection provides fault current limiting and
hiccup recovery to minimize power dissipation with a
shorted output. The 20-pin QFN package gives good
thermal performance and a compact footprint.




Similar Part No. - TPS40075

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
664Kb / 35P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40075 TI-TPS40075 Datasheet
714Kb / 35P
4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40075 TI1-TPS40075 Datasheet
1Mb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075RHLR TI-TPS40075RHLR Datasheet
809Kb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results


Similar Description - TPS40075

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40071PWPRG4 TI-TPS40071PWPRG4 Datasheet
748Kb / 30P
HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com