Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8861-Q1 Datasheet (PDF) - Texas Instruments

LP8861-Q1 Datasheet PDF - Texas Instruments
Part # LP8861-Q1
Download  LP8861-Q1 Download
File Size   1067.32 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels

LP8861-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP8861-Q1 Datasheet PDF - Texas Instruments

Part # LP8861-Q1
Download  LP8861-Q1 Click to download

File Size   1067.32 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels

LP8861-Q1 Datasheet (HTML) - Texas Instruments


LP8861-Q1 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
• Input Voltage Operating Range 4.5 V to 40 V
• Three High-Precision Current Sinks
– Current Matching 1% (Typical)
– LED String Current up to 100 mA per Channel
– Outputs can be Combined Externally for
Higher Current Capability
• High Dimming Ratio of 10 000:1 at 100 Hz
• Integrated Boost/SEPIC for LED String Power
– Output Voltage up to 45 V
– Switching Frequency 300 kHz to 2.2 MHz
– Switching Synchronization Input
– Spread Spectrum for Lower EMI
• Extensive Fault Detection Features
– Fault Output
– Input Voltage OVP, UVLO, and OCP
– Open and Shorted LED Fault Detection
– Thermal Shutdown
• Minimum Number of External Components

2 Applications
• Backlight for:
– Automotive Infotainment
– Automotive Instrument Clusters
– Smart Mirrors
– Heads-Up Displays (HUD)
– Central Information Displays (CID)
– Audio-Video Navigation (AVN)

3 Description
The TPS61193-Q1 is an automotive high-efficiency,
low-EMI, easy-to-use LED driver with an integrated
DC-DC converter. The DC-DC converter supports
both boost and SEPIC mode operation. The device
has three high-precision current sinks that can be
combined for higher current capability.
The DC-DC converter has adaptive output voltage
control based on the LED current sink headroom
voltages. This feature minimizes the power
consumption by adjusting the voltage to the lowest
sufficient level in all conditions. For EMI reduction
DC-DC supports spread spectrum for switching
frequency and an external synchronization with
dedicated pin. A wide-rage adjustable frequency
allows the TPS61193-Q1 to avoid disturbance for AM
radio bands.
The input voltage range for the TPS61193-Q1 is from
4.5 V to 40 V to support automotive stop/start and
load dump condition. The TPS61193-Q1 integrates
extensive fault detection features.




Similar Part No. - LP8861-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8861-Q1 TI1-LP8861-Q1 Datasheet
1Mb / 43P
Low-EMI, High-Performance Four-Channel LED Driver
LP8861-Q1 TI2-LP8861-Q1 Datasheet
1Mb / 40P
TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
REVISED MAY 2017
LP8861-Q1 TI2-LP8861-Q1 Datasheet
1Mb / 46P
LP8861-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
REVISED MAY 2017
LP8861-Q1 TI2-LP8861-Q1 Datasheet
1Mb / 41P
LP8862-Q1 Low-EMI Automotive LED Driver With Two 160-mA Channels
REVISED MAY 2017
More results


Similar Description - LP8861-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61194-Q1 TI1-TPS61194-Q1_16 Datasheet
714Kb / 10P
TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1_17 Datasheet
1Mb / 110P
Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8867-Q1 TI1-LP8867-Q1 Datasheet
673Kb / 37P
LP886x-Q1 Low EMI Automotive LED Driver with 4, 3 Channels
LP8867C-Q1 TI1-LP8867C-Q1 Datasheet
544Kb / 35P
LP8867C-Q1, LP8869C-Q1 Low EMI Automotive LED Driver with 4-, 3- Channels
LP8867-Q1 TI1-LP8867-Q1_V01 Datasheet
1Mb / 41P
LP8867-Q1, LP8869-Q1 Low EMI Automotive LED Driver with 4-, 3- Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866S-Q1 TI-LP8866S-Q1_V01 Datasheet
3Mb / 82P
LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com