Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS64202DBVT Datasheet (PDF) - Texas Instruments

TPS64202DBVT Datasheet PDF - Texas Instruments
Part # TPS64202DBVT
Download  TPS64202DBVT Download
File Size   1048.85 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description S0T23 STEP-DOWN CONTROLLER

TPS64202DBVT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS64202DBVT Datasheet PDF - Texas Instruments

Part # TPS64202DBVT
Download  TPS64202DBVT Click to download

File Size   1048.85 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description S0T23 STEP-DOWN CONTROLLER

TPS64202DBVT Datasheet (HTML) - Texas Instruments


TPS64202DBVT Product details

FEATURES
Step-Down Controller for Applications With
up to 95% Efficiency
1.8-V to 6.5-V Operating Input Voltage Range
Adjustable Output Voltage Range From 1.2 V
to VI
High Efficiency Over a Wide Load Current
Range
100% Maximum Duty Cycle for Lowest
Dropout
Internal Softstart
20-μA Quiescent Current (Typical)
Overcurrent Protected
Available in a SOT23 Package

APPLICATIONS
USB Powered Peripherals
Organizers, PDAs, and Handheld PCs
Low Power DSP Supply
Digital Cameras
Hard Disk Drives
Portable Audio Players

DESCRIPTION
The TPS6420x are nonsynchronous step-down
controllers that are ideally suited for systems powered
from a 5-V or 3.3-V bus or for applications powered from
a 1-cell Li-Ion battery or from a 2- to 4-cell NiCd, NiMH, or
alkaline battery. These step-down controllers drive an
external P-channel MOSFET allowing design flexibility. To
achieve highest efficiency over a wide load current range,
this controller uses a minimum on time, minimum off time
control scheme and consumes only 20-μA quiescent
current. The minimum on time of typically 600 ns
(TPS64203) allows the use of small inductors and
capacitors. When disabled, the current consumption is
reduced to less than 1 μA. The TPS6420x is available in
the 6-pin SOT23 (DBV) package and operates over a free
air temperature range of −40°C to 85°C.




Similar Part No. - TPS64202DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS64202DBVT TI-TPS64202DBVT Datasheet
647Kb / 29P
SOT23 STEP-DOWN CONTROLLER
TPS64202DBVTG4 TI-TPS64202DBVTG4 Datasheet
647Kb / 29P
SOT23 STEP-DOWN CONTROLLER
More results


Similar Description - TPS64202DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS64200 TI-TPS64200 Datasheet
279Kb / 24P
SOT23 STEP DOWN CONTROLLER
logo
Vishay Siliconix
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
Synchronous Step Down Controller
10-Oct-05
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
Weltrend Semiconductor
YKW-06 WELTREND-YKW-06 Datasheet
183Kb / 5P
Step-down Switching Controller
logo
Maxim Integrated Produc...
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
Notebook CPU Step-Down Controller
Rev 1; 10/08
logo
Texas Instruments
TPS64202DBVT TI-TPS64202DBVT Datasheet
647Kb / 29P
SOT23 STEP-DOWN CONTROLLER
logo
STMicroelectronics
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
High-efficiency step-down controller
20-Aug-2008
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
High Voltage Step-Down Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com