Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62085 Datasheet (PDF) - Texas Instruments

TPS62085 Datasheet PDF - Texas Instruments
Part # TPS62085
Download  TPS62085 Download
File Size   1019.99 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6208x, 3-A Step-Down Converter With Hiccup Short-Circuit Protection in 2-mm × 2-mm VSON Package

TPS62085 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62085 Datasheet PDF - Texas Instruments

Part # TPS62085
Download  TPS62085 Click to download

File Size   1019.99 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6208x, 3-A Step-Down Converter With Hiccup Short-Circuit Protection in 2-mm × 2-mm VSON Package

TPS62085 Datasheet (HTML) - Texas Instruments


TPS62085 Product details

1 Features
• DCS-Control™ topology
• Up to 95% efficiency
• Hiccup short-circuit protection
• Power save mode for light load efficiency
• 100% duty cycle for lowest dropout
• 2.5-V to 6.0-V input voltage range
• 17-μA operating quiescent current
• 0.8-V to VIN adjustable output voltage
• 1.8-V and 3.3-V fixed output voltage
• Output discharge
• Power good output
• Thermal shutdown protection
• Available in 2-mm × 2-mm VSON package
• Create a custom design using the:
– TPS62085 WEBENCH® Power Designer
– TPS62086 WEBENCH® Power Designer
– TPS62087 WEBENCH® Power Designer

2 Applications
• Battery-powered applications
• Point-of-load
• Processor supplies
• Hard disk drives

3 Description
The TPS62085, TPS62086, and TPS62087 devices
are high-frequency synchronous step-down
converters optimized for small solution size and high
efficiency. With an input voltage range of 2.5 V to
6.0 V, common battery technologies are supported.
The devices focus on high-efficiency step-down
conversion over a wide output current range. At
medium to heavy loads, the converter operates in
PWM mode and automatically enters Power Save
Mode operation at light load to maintain high
efficiency over the entire load current range.
To address the requirements of system power rails,
the internal compensation circuit allows a large
selection of external output capacitor values ranging
from 10 μF to 150 μF. Together with its DCS-Control
architecture, excellent load transient performance and
output voltage regulation accuracy are achieved. The
devices are available in a 2-mm × 2-mm VSON
package.




Similar Part No. - TPS62085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62085 TI1-TPS62085 Datasheet
903Kb / 19P
3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085 TI1-TPS62085 Datasheet
904Kb / 20P
3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085EVM-169 TI-TPS62085EVM-169 Datasheet
2Mb / 14P
TPS62085EVM-169 Evaluation Module
TPS62085RLT TI1-TPS62085RLT Datasheet
903Kb / 19P
3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085RLTR TI1-TPS62085RLTR Datasheet
903Kb / 19P
3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
More results


Similar Description - TPS62085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62085 TI1-TPS62085 Datasheet
903Kb / 19P
3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085 TI1-TPS62085_14 Datasheet
904Kb / 20P
3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TLV62085 TI-TLV62085_15 Datasheet
349Kb / 20P
TLV62085 High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62085 TI-TPS62085_15 Datasheet
929Kb / 25P
TPS6208x 3-A Step-Down Converter With Hiccup Short-Circuit Protection In 2 횞 2 QFN Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com