Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SP0230T2X0 Datasheet (PDF) - Power Integrations, Inc.

2SP0230T2X0 Datasheet PDF - Power Integrations, Inc.
Part # 2SP0230T2X0
Download  2SP0230T2X0 Download
File Size   1573.27 Kbytes
Page   11 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Gate Driver for Driving 62mm SiC-MOSFET and Si-IGBT

2SP0230T2X0 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SP0230T2X0 Datasheet PDF - Power Integrations, Inc.

Part # 2SP0230T2X0
Download  2SP0230T2X0 Click to download

File Size   1573.27 Kbytes
Page   11 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Gate Driver for Driving 62mm SiC-MOSFET and Si-IGBT

2SP0230T2X0 Datasheet (HTML) - Power Integrations, Inc.


2SP0230T2X0 Product details

Applications
• Renewables
• EV charger
• Light rail and railway auxiliary converters
• Other industrial applications
Description
The Plug-and-Play 2SP0230T2x0 gate driver family is a compact doublechannel
gate driver designed for the operation of 62 mm half-bridge SiC
and IGBT power modules up to 1700 V.
The drivers feature electrical interface with built-in DC/DC power
supplies.
Power Integrations’ Advanced Active Clamping allows to turn-off safely
within an extended DC-link voltage range.




Similar Part No. - 2SP0230T2X0

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
2SP0215F2Q0C POWERINT-2SP0215F2Q0C Datasheet
1Mb / 31P
Automotive Dual Channel Plug and Play Gate Driver for 17 mm IGBT Modules
Jan 2022
More results


Similar Description - 2SP0230T2X0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM9402 ETC-OM9402 Datasheet
39Kb / 3P
GATE DRIVER For Driving IGBT Modules 600V and 1200V, 150A to 600A
logo
Mitsubishi Electric Sem...
M57161L-01 MITSUBISHI-M57161L-01 Datasheet
124Kb / 6P
HYBRID IC FOR DRIVING TRENCH-GATE IGBT
logo
International Rectifier
OM9403SD IRF-OM9403SD Datasheet
35Kb / 3P
IGBT GATE DRIVER For Driving IGBT Modules 600V and 1200V, 150A to 600A
logo
Cree, Inc
CGD15HB62P1 CREE-CGD15HB62P1 Datasheet
951Kb / 6P
Gate Driver for 1200V, 62mm SiC MOSFET Power Module
CGD15FB45P CREE-CGD15FB45P Datasheet
1Mb / 6P
Six Channel SiC MOSFET Driver Gate Driver for 1200V SiC MOSFET Power Module
CPWR-AN10 CREE-CPWR-AN10 Datasheet
486Kb / 6P
SiC MOSFET Isolated Gate Driver
logo
Texas Instruments
UCC5350-Q1 TI-UCC5350-Q1_V02 Datasheet
2Mb / 47P
UCC5350-Q1 Single-Channel Isolated Gate Driver for SiC/IGBT and Automotive Applications
REVISED AUGUST 2022
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
logo
Renesas Technology Corp
RAJ2930004AGM RENESAS-RAJ2930004AGM Datasheet
740Kb / 10P
Gate Driver IC for IGBTs and SiC MOSFETs
Feb. 2023 Rev0.2
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com