Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5589 Datasheet (PDF) - Analog Devices

LTC5589 Datasheet PDF - Analog Devices
Part # LTC5589
Download  LTC5589 Download
File Size   523.86 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 700MHz to 6000MHz LOW POWER I/Q MODULATOR

LTC5589 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC5589 Datasheet PDF - Analog Devices

Part # LTC5589
Download  LTC5589 Click to download

File Size   523.86 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 700MHz to 6000MHz LOW POWER I/Q MODULATOR

LTC5589 Datasheet (HTML) - Analog Devices


LTC5589 Product details

DESCRIPTION
Demonstration circuit 2391A is optimized for evaluation
of the LTC®5589 low power I/Q modulator up to 4.5GHz.
For frequencies above 4.5GHz, LO matching circuit on
the DC2391A demo board can be easily modified for
improved image rejection performance. Refer to data
sheet for additional information. The four balanced I- and
Q-baseband input ports can be either AC-coupled with
internal bias supplied, or DC-coupled from a source with
a common-mode voltage level of about +1.4V. The SPI
interface is used to set internal registers which control
the gain, optimum center frequency, I-offset, Q-offset and
sideband suppression. In addition to the digital gain control
with 1dB steps, there is an analog gain control, VCTRL. An
on‑chip thermometer can be used to compensate for the
gain vs temperature variations using a digital gain control
change. The update can either be automatically triggered,
or entirely switched off.




Similar Part No. - LTC5589

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5589 LINER-LTC5589 Datasheet
2Mb / 46P
700MHz to 6GHz Low Power Direct Quadrature Modulator
More results


Similar Description - LTC5589

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JCIQ-176M MINI-JCIQ-176M Datasheet
162Kb / 1P
I&Q Modulator
logo
Merrimac Industries, In...
VMF-2E-160SQ MERRIMAC-VMF-2E-160SQ Datasheet
486Kb / 1P
I&Q MODULATOR
VMF-2E-340SQ MERRIMAC-VMF-2E-340SQ Datasheet
485Kb / 1P
I&Q MODULATOR
logo
M/A-COM Technology Solu...
MAMO-007252-IN2960 MA-COM-MAMO-007252-IN2960_15 Datasheet
61Kb / 2P
I/Q Modulator
MAMO-008665-ES0018 MA-COM-MAMO-008665-ES0018_15 Datasheet
129Kb / 2P
I/Q Modulator
logo
Linear Technology
LTC5589 LINER-LTC5589 Datasheet
2Mb / 46P
700MHz to 6GHz Low Power Direct Quadrature Modulator
logo
Mini-Circuits
JCIQ-88M MINI-JCIQ-88M Datasheet
286Kb / 1P
I&Q Modulator
MIQA-21M MINI-MIQA-21M Datasheet
170Kb / 1P
I&Q Modulator
MIQA-91M MINI-MIQA-91M Datasheet
188Kb / 1P
I&Q Modulator
MIQA-100M MINI-MIQA-100M Datasheet
190Kb / 1P
I&Q Modulator
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com