Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5603049 Datasheet (PDF) - PHOENIX CONTACT

5603049 Datasheet PDF - PHOENIX CONTACT
Part # 5603049
Download  5603049 Download
File Size   195.02 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EM-DUO 120/20/GFI/AUX - Socket

5603049 Datasheet (PDF)

Go To PDF Page Download Datasheet
5603049 Datasheet PDF - PHOENIX CONTACT

Part # 5603049
Download  5603049 Click to download

File Size   195.02 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EM-DUO 120/20/GFI/AUX - Socket

5603049 Datasheet (HTML) - PHOENIX CONTACT


5603049 Product details

Socket, connection method: Screw connection, color: ivory, nom. voltage: 125 V AC, nominal
current: 20 A, standards/specifications: UL 508, CSA 22.2




Similar Part No. - 5603049

ManufacturerPart #DatasheetDescription
logo
Walther-Werke
560304 WALTHER-560304 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results


Similar Description - 5603049

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMB ETC-TMB Datasheet
136Kb / 1P
EM Brake
logo
Schneider Electric
PAK31CGFI SCHNEIDER-PAK31CGFI Datasheet
111Kb / 2P
PWR OUTLET 120/240V 70A W/GFI C/BS NEMA3
Apr 22, 2021
PAK36C1GFI SCHNEIDER-PAK36C1GFI Datasheet
111Kb / 2P
PWR OUTLET 120/240V 70A W/GFI C/BS NEMA3
Apr 22, 2021
PAK51CGFI SCHNEIDER-PAK51CGFI Datasheet
111Kb / 2P
PWR OUTLET 120/240V 70A W/GFI C/BS NEMA3
Apr 22, 2021
PAK76CGFI SCHNEIDER-PAK76CGFI Datasheet
110Kb / 2P
PWR OUTLET 120/240V 70A W/GFI C/BS NEMA3
Apr 22, 2021
PAK1004CGFI SCHNEIDER-PAK1004CGFI Datasheet
110Kb / 2P
PWR OUTLET 120/240V 100A W/GFI C/BS NEMA
Apr 22, 2021
logo
PHOENIX CONTACT
1286389 PHOENIX-1286389 Datasheet
1Mb / 11P
Socket Outlet - EV-T2M3SO12-4P-B-EM
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com