Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4213 Datasheet (PDF) - Adafruit Industries

4213 Datasheet PDF - Adafruit Industries
Part # 4213
Download  4213 Download
File Size   531.13 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Micro USB B Jack to USB A Plug Round Panel Mount Adapter

4213 Datasheet (PDF)

Go To PDF Page Download Datasheet
4213 Datasheet PDF - Adafruit Industries

Part # 4213
Download  4213 Click to download

File Size   531.13 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Micro USB B Jack to USB A Plug Round Panel Mount Adapter

4213 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 4213

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
MULTIPLIER-DIVIDER
logo
Texas Instruments
4213 TI2-4213 Datasheet
1Mb / 10P
MULTIPLIER-DIVIDER
23-May-2025
logo
Wiha Tools
42130 WIHA-42130 Datasheet
58Kb / 1P
BitBuddy® TY bit set, 49 mm
logo
Turck, Inc.
42131 TURCK-42131 Datasheet
342Kb / 3P
Inductive Sensor
11/07/2023
logo
Wiha Tools
42131 WIHA-42131 Datasheet
58Kb / 1P
BitBuddy® TY bit set, 49 mm
More results


Similar Description - 4213

ManufacturerPart #DatasheetDescription
logo
FCI connector
10104109 FCI-CONNECTOR-10104109 Datasheet
174Kb / 1P
MICRO-USB B-TYPE PLUG
logo
Qualtek Electronics Cor...
3023031-03M QUALTEK-3023031-03M Datasheet
566Kb / 1P
MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
logo
Assmann Electronics Inc...
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
USB B - USB A ADAPTER
A-USB-1 ASSMANN-A-USB-1 Datasheet
138Kb / 1P
USB B Female <=> USB A Female ADAPTER
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
logo
Tripp Lite. All Rights ...
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
U052-06N-RA TRIPPLITE-U052-06N-RA Datasheet
170Kb / 3P
Micro USB to USB OTG Host Adapter Cable, Right-Angle 5-Pin USB Micro-B to USB-A (M/F), 6 in.
U052-06N-WH TRIPPLITE-U052-06N-WH Datasheet
160Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin USB Micro-B to USB-A (M/F), White, 6 in.
U053-000-OTG TRIPPLITE-U053-000-OTG Datasheet
170Kb / 2P
2-in-1 OTG Adapter, USB 3.0 Micro B Male and USB 2.0 Micro B Male to USB A Female
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com