Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11150_PE28 Datasheet (PDF) - VAT Group AG

11150_PE28 Datasheet PDF - VAT Group AG
Part # 11150_PE28
Download  11150_PE28 Download
File Size   54.22 Kbytes
Page   2 Pages
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG
Description HV gate valve, Series 111, DN 320 (12”)

11150_PE28 Datasheet (PDF)

Go To PDF Page Download Datasheet
11150_PE28 Datasheet PDF - VAT Group AG

Part # 11150_PE28
Download  11150_PE28 Click to download

File Size   54.22 Kbytes
Page   2 Pages
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG
Description HV gate valve, Series 111, DN 320 (12”)

11150_PE28 Datasheet (HTML) - VAT Group AG




Similar Part No. - 11150_PE28

ManufacturerPart #DatasheetDescription
logo
VAT Group AG
11150_PE44 VAT-11150_PE44 Datasheet
160Kb / 2P
HV gate valve, Series 111, DN none
More results


Similar Description - 11150_PE28

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192150027 MOLEX4-0192150027 Datasheet
107Kb / 2P
12-10 TO 16-14 STEP DN BUTT TP (CB-346T)
logo
Tyco Electronics
2-1437580-9 MACOM-2-1437580-9 Datasheet
113Kb / 1P
SLIDE SWITCH SP (MSSA- 111 & 114 )
logo
ON Semiconductor
NTMFS5832NLT1G ONSEMI-NTMFS5832NLT1G Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
logo
Oscilent Corporation
CO-320 OSCILENT-CO-320 Datasheet
143Kb / 3P
320 Series Crystal Oscillator
logo
Taoglas antenna solutio...
MA111.C.LB.001 TAOGLAS-MA111.C.LB.001_18 Datasheet
1Mb / 16P
MA.111 ULTIMA SERIES
MA111.W.C.LB.001 TAOGLAS-MA111.W.C.LB.001_18 Datasheet
972Kb / 17P
WHITE MA.111 ULTIMA
logo
PHOENIX CONTACT
1880096 PHOENIX-1880096 Datasheet
141Kb / 5P
PC 4 HV/12-ST-7,62
logo
Littelfuse
51900001009 LITTELFUSE-51900001009 Datasheet
1Mb / 1P
111/519 Series 5mm Fuse Clips Taped for Automated Insertion
Revised: 02/22/15
logo
TRACO Electronic AG
TXLN320 TRACOPOWER-TXLN320 Datasheet
924Kb / 5P
AC/DC Power Supply TXLN 320 Series, 320 Watt
Rev. March 16, 2023
logo
Fairchild Semiconductor
54S134 FAIRCHILD-54S134 Datasheet
56Kb / 1P
12-INPUT NAND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com