Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65801-003LF Datasheet (PDF) - Amphenol Communications Solutions

65801-003LF Datasheet PDF - Amphenol Communications Solutions
Part # 65801-003LF
Download  65801-003LF Download
File Size   238.92 Kbytes
Page   5 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description Connector System for Flexible Circuitry (0.100in./ 2.54mm pitch) Maximum reliability; Low applied cost

65801-003LF Datasheet (PDF)

Go To PDF Page Download Datasheet
65801-003LF Datasheet PDF - Amphenol Communications Solutions

Part # 65801-003LF
Download  65801-003LF Click to download

File Size   238.92 Kbytes
Page   5 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description Connector System for Flexible Circuitry (0.100in./ 2.54mm pitch) Maximum reliability; Low applied cost

65801-003LF Datasheet (HTML) - Amphenol Communications Solutions


65801-003LF Product details

OVERVIEW
The CLINCHER™ connectorfamily includes single-row
pin and receptacle connectors designed fortermination
to flat flexible circuitry. Products are available for Flat
Flexible Cable (FFC), Flexible Printed Circuit (FPC), and
Conductive Ink Circuitry (CIC).
The connectors include features that optimize
reliability at both the termination and disconnect
interfaces. “Clinch” cable termination produces
gas-tight, contamination-free connections to each
conductor. The receptacle connectors utilize FCI’s
proven and highly-reliable Mini PV™ contact design.
Complementary shrouded PCB headers provide options
for latching and proper connector alignment.
Contacts are pre-loaded to connector housings
enabling mass termination to unprepared cable. The
CLINCHER™ connector mass termination design
accelerates cable assembly processes and reduces
costs.

FEATURES & BENEFITS
• “Clinch” cable termination provides four gas-tight,
contamination-free contact points to each conductor
• Receptacle design features highly-reliable Mini PV
dual-metal contacts
• Mass termination to unprepared cable reduces
assembly costs
• Housing window permits crimp inspection to verify
propertermination
• Receptacle openings feature a beveled “lead-in”
to reduce risk of stubbing with mating pins
• Connector sizes range from 2 to 34 positions
• Polarization options aid proper alignment and mating
• Positive-locking, latching options assure secure
mating to industry-standard headers for severe
applications
• Economy two-wall PCB headers provide passive
propertermination
• Receptacle openings feature a beveled “lead-in”
environmental regulations

TARGET MARKETS / APPLICATIONS
• Appliances and White goods
• Membrane Switches and Electronic Displays
• Industrial and Instrumentation
• Medical
• POS equipment
• Hand-held terminals




Similar Part No. - 65801-003LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65801-006LF ETC2-65801-006LF Datasheet
574Kb / 1P
StretchSense Evaluation Kit Sensor
More results


Similar Description - 65801-003LF

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
HC-49US PETERMANN-HC-49US Datasheet
145Kb / 2P
HIGH RELIABILITY FOR LOW COST
CXOF PETERMANN-CXOF Datasheet
140Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2150 PETERMANN-M2150 Datasheet
130Kb / 2P
HIGH RELIABILITY FOR LOW COST
DPS PETERMANN-DPS Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
HIGH RELIABILITY FOR LOW COST
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
logo
First Components Intern...
950526-004 FCI-950526-004 Datasheet
729Kb / 4P
Connector System for Flexible Circuitry (0.100in./2.54mm pitch) Maximum reliability; Low applied cos
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com