Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC081500 Datasheet (PDF) - Texas Instruments

ADC081500 Datasheet PDF - Texas Instruments
Part # ADC081500
Download  ADC081500 Download
File Size   1078.06 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC081500 High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter

ADC081500 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC081500 Datasheet PDF - Texas Instruments

Part # ADC081500
Download  ADC081500 Click to download

File Size   1078.06 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC081500 High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter

ADC081500 Datasheet (HTML) - Texas Instruments


ADC081500 Product details

1FEATURES
2• Internal Sample-and-Hold
• Single +1.9V ±0.1V Operation
• Choice of SDR or DDR Output Clocking
• Multiple ADC Synchronization Capability
• Ensured No Missing Codes
• Serial Interface for Extended Control
• Fine Adjustment of Input Full-Scale Range and
Offset self•
Duty Cycle Corrected Sample Clock

APPLICATIONS
• Direct RF Down Conversion
• Digital Oscilloscopes
• Satellite Set-Top Boxes
• Communications Systems
• Test Instrumentation

KEY SPECIFICATIONS
• Resolution 8 Bits
• Max Conversion Rate 1.5 GSPS (min)
• Bit Error Rate 10-18 (typ)
• ENOB @ 748 MHz Input 7.3 Bits (typ)
• DNL ±0.15 LSB (typ)
• Power Consumption
– Operating 1.2 W (typ)
– Power Down Mode 3.5 mW (typ)

DESCRIPTION
The ADC081500 is a low power, high performance
CMOS analog-to-digital converter that digitizes
signals to 8 bits resolution at sample rates up to 1.7
GSPS. Consuming a typical 1.2 W at 1.5 GSPS from
a single 1.9 Volt supply, this device is ensured to
have no missing codes over the full operating temperature range. The unique folding and
interpolating architecture, the fully differential
comparator design, the innovative design of the
internal sample-and-hold amplifier and the self•
calibration scheme enable a very flat response of all dynamic parameters beyond Nyquist, producing a
high 7.3 ENOB with a 748 MHz input signal and a 1.5
GHz sample rate while providing a 10-18 B.E.R.
Output formatting is offset binary and the LVDS
digital outputs are compatible with IEEE 1596.3-1996, with the exception of an adjustable output offset
voltage between 0.8V and 1.2V.
The converter output has a 1:2 demultiplexer that
feeds two LVDS buses and reduces the output data
rate on each bus to one-half the sample rate.
The converter typically consumes less than 3.5 mW
in the Power Down Mode and is available in a 128-
lead, thermally enhanced exposed pad HLQFP and
operates over the Industrial (-40°C ≤ TA ≤ +85°C)
temperature range.




Similar Part No. - ADC081500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081500 NSC-ADC081500 Datasheet
830Kb / 28P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081500 NSC-ADC081500 Datasheet
1,016Kb / 32P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081500 NSC-ADC081500 Datasheet
1Mb / 34P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081500 TI2-ADC081500 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
More results


Similar Description - ADC081500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1500 NSC-ADC08D1500 Datasheet
868Kb / 33P
High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC081500 NSC-ADC081500 Datasheet
830Kb / 28P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC08D1500 NSC-ADC08D1500_09 Datasheet
1Mb / 40P
High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 TI1-ADC08D1500 Datasheet
1Mb / 54P
High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com