Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1626 Datasheet (PDF) - Texas Instruments

ADS1626 Datasheet PDF - Texas Instruments
Part # ADS1626
Download  ADS1626 Download
File Size   1082.45 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-Bit, 1.25MSPS Analog-to-Digital Converter

ADS1626 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1626 Datasheet PDF - Texas Instruments

Part # ADS1626
Download  ADS1626 Click to download

File Size   1082.45 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-Bit, 1.25MSPS Analog-to-Digital Converter

ADS1626 Datasheet (HTML) - Texas Instruments


ADS1626 Product details

FEATURES
Data Rate: 1.25MSPS
Signal-to-Noise Ratio: 93dB
Total Harmonic Distortion: −101dB
Spurious-Free Dynamic Range: 103dB
Linear Phase with 615kHz Bandwidth
Passband Ripple: ±0.0025dB
Adjustable FIFO Output Buffer (ADS1626 only)
Selectable On-Chip Reference
Directly Connects to TMS320C6000 DSPs
Adjustable Power Dissipation: 150 to 515mW
Power Down Mode
Supplies: Analog +5V
Digital +3V
Digital I/O +2.7V to +5.25V

APPLICATIONS
Scientific Instruments
Automated Test Equipment
Data Acquisition
Medical Imaging
Vibration Analysis

DESCRIPTION
The ADS1625 and ADS1626 are high-speed, high-precision,
delta-sigma analog-to-digital converters (ADCs) with 18-bit
resolution. The data rate is 1.25 mega samples per second
(MSPS), the bandwidth (−3dB) is 615kHz, and passband
ripple is less than ±0.0025dB (to 550kHz). Both devices offer
the same outstanding performance at these speeds with a
signal-to-noise ratio up to 93dB, total harmonic distortion
down to −101dB, and a spurious-free dynamic range up to
103dB. The ADS1626 includes an adjustable first-in, first-out
buffer (FIFO) for the output data.
The input signal is measured against a voltage reference that
can be generated on-chip or supplied externally. The digital
output data are provided over a simple parallel interface that
easily connects to digital signal processors (DSPs). An
out-of-range monitor reports when the input range has been
exceeded. The ADS1625/6 operate from a +5V analog
supply (AVDD) and +3V digital supply (DVDD). The digital
I/O supply (IOVDD) operates from +2.7 to +5.25V, enabling
the digital interface to support a range of logic families. The
analog power dissipation is set by an external resistor and
can be reduced when operating at slower speeds. A
power-down mode, activated by a digital I/O pin, shuts down
all circuitry. The ADS1625/6 are offered in a TQFP-64
package using TI PowerPAD technology.
The ADS1625 and ADS1626, along with their 16-bit,
5MSPS counterparts, the ADS1605 and ADS1606, are
well-suited for the demanding measurement requirements
of scientific instrumentation, automated test equipment,
data acquisition, and medical imaging.




Similar Part No. - ADS1626

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1626 BURR-BROWN-ADS1626 Datasheet
472Kb / 31P
18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1626 TI-ADS1626 Datasheet
846Kb / 37P
18-Bit, 1.25MSPS Analog-to-Digital Converter
ADS1626 TI2-ADS1626 Datasheet
1Mb / 39P
16-Bit, 5MSPS Analog-to-Digital Converter
REVISED MAY 2007
logo
Burr-Brown (TI)
ADS1626I BURR-BROWN-ADS1626I Datasheet
472Kb / 31P
18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
ADS1626IPAPR BURR-BROWN-ADS1626IPAPR Datasheet
472Kb / 31P
18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
More results


Similar Description - ADS1626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1139 AD-AD1139 Datasheet
454Kb / 6P
High Accuracy 18-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
ADS1626 BURR-BROWN-ADS1626 Datasheet
472Kb / 31P
18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
ADS1601 BURR-BROWN-ADS1601 Datasheet
386Kb / 26P
16-BIT 1.25MSPS ANALOG TO DIGITAL CONVERTER
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1625 TI-ADS1625 Datasheet
846Kb / 37P
18-Bit, 1.25MSPS Analog-to-Digital Converter
logo
API Technologies Corp
MN3390 APITECH-MN3390 Datasheet
690Kb / 5P
18-Bit, Deglitched Digital-to-Analog Converter
logo
Texas Instruments
ADS1601 TI1-ADS1601_14 Datasheet
1Mb / 30P
16-Bit, 1.25MSPS Analog-to-Digital Converter
OPA625 TI1-OPA625 Datasheet
2Mb / 46P
18-Bit Analog-to-Digital Converter (ADC) Drivers
ADS1601 TI1-ADS1601_15 Datasheet
1Mb / 30P
16-Bit, 1.25MSPS Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com