Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV761 Datasheet (PDF) - Texas Instruments

LMV761 Datasheet PDF - Texas Instruments
Part # LMV761
Download  LMV761 Download
File Size   1106.07 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS788x 10-Bit, 8-Bit, 1.25-MSPS, Micro-Power, Miniature SAR Analog-to-Digital Converters

LMV761 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV761 Datasheet PDF - Texas Instruments

Part # LMV761
Download  LMV761 Click to download

File Size   1106.07 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS788x 10-Bit, 8-Bit, 1.25-MSPS, Micro-Power, Miniature SAR Analog-to-Digital Converters

LMV761 Datasheet (HTML) - Texas Instruments


LMV761 Product details

1 Features
1• 1.25-MHz Sample Rate Serial Device
• 10-Bit Resolution (ADS7887)
• 8-Bit Resolution (ADS7888)
• Zero Latency
• 25-MHz Serial Interface
• Supply Range: 2.35 V to 5.25 V
• Typical Power Dissipation at 1.25 MSPS:
– 3.8 mW at 3-V VDD
– 8 mw at 5-V VDD
• ±0.35 LSB INL, DNL (ADS7887)
• ±0.15 LSB INL, ±0.1 LSB DNL (ADS7888)
• 61 dB SINAD, –84 dB THD (ADS7887)
• 49.5 dB SINAD, –67.5 dB THD (ADS7888)
• Unipolar Input Range: 0 V to VDD
• Power-Down Current: 1 μA
• Wide Input Bandwidth: 15 MHz at 3 dB
• 6-Pin SOT23 and SC70 Packages

2 Applications
• Base Band Converters in Radio Communication
• Motor Current and Bus Voltage Sensors in Digital
Drives
• Optical Networking (DWDM, MEMS-Based
Switching)
• Optical Sensors
• Battery-Powered Systems
• Medical Instrumentations
• High-Speed Data Acquisition Systems
• High-Speed Closed-Loop Systems

3 Description
The ADS7887 device is a 10-bit, 1.25-MSPS, analogto-
digital converter (ADC), and the ADS7888 device
is a 8-bit, 1.25-MSPS ADC. These devices include a
capacitor-based SAR A/D converter with inherent
sample and hold. The serial interface in each device
is controlled by the CS and SCLK signals for glueless
connections with microprocessors and DSPs. The
input signal is sampled with the falling edge of CS,
and SCLK is used for conversion and serial data
output.
The devices operate from a wide supply range from
2.35 V to 5.25 V. The low power consumption of the
devices make them suitable for battery-powered
applications. The devices also include a powersaving,
power-down feature for when the devices are
operated at lower conversion speeds.
The high level of the digital input to the device is not
limited to device VDD. This means the digital input can
go as high as 5.25 V when device supply is 2.35 V.
This feature is useful when digital signals are coming
from other circuit with different supply levels. Also this
relaxes restriction on power-up sequencing.
The ADS7887 and ADS7888 are available in 6-pin
SOT-23 and SC70 packages and are specified for
operation from –40°C to 125°C.




Similar Part No. - LMV761

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV761 NSC-LMV761 Datasheet
346Kb / 10P
Low Voltage, Precision Comparator with Push-Pull Output
logo
Texas Instruments
LMV761 TI1-LMV761 Datasheet
1Mb / 20P
LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
LMV761 TI1-LMV761 Datasheet
1Mb / 25P
Low-Voltage, Precision Comparator With Push-Pull Output
LMV761 TI2-LMV761 Datasheet
993Kb / 32P
LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
REVISED OCTOBER 2015
logo
National Semiconductor ...
LMV761MA NSC-LMV761MA Datasheet
346Kb / 10P
Low Voltage, Precision Comparator with Push-Pull Output
More results


Similar Description - LMV761

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com