Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1035D Datasheet (PDF) - Texas Instruments

AMC1035D Datasheet PDF - Texas Instruments
Part # AMC1035D
Download  AMC1035D Download
File Size   1090.64 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1035 Delta-Sigma Modulator With Bipolar Input of ±1 V and Reference Output of 2.5 V

AMC1035D Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1035D Datasheet PDF - Texas Instruments

Part # AMC1035D
Download  AMC1035D Click to download

File Size   1090.64 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1035 Delta-Sigma Modulator With Bipolar Input of ±1 V and Reference Output of 2.5 V

AMC1035D Datasheet (HTML) - Texas Instruments


AMC1035D Product details

1 Features
1• Delta-sigma modulator optimized for voltage and
temperature sensing:
– ±1-V input voltage range
– High differential input resistance: 1.6 GΩ (typ)
– Integrated 2.5-V, ±5-mA reference for
ratiometric measurement
• Excellent DC performance:
– Offset error: ±0.5 mV (max)
– Offset drift: ±6 μV/°C (max)
– Gain error: ±0.25% (max)
– Gain drift: ±45 ppm/°C (max)
– Ratiometric gain drift: ±15 ppm/°C (max)
• Selectable manchester encoded or uncoded
bitstream output
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• AC voltage and temperature sensing in industrial
applications:
– Motor drives
– Photovoltaic inverters
– Uninterruptible power supplies
– Industrial transport systems

3 Description
The AMC1035 is a precision delta-sigma (ΔΣ)
modulator that operates from a single 3.0-V to 5.5-V
supply and with an externally supplied clock signal in
the range of 9 MHz to 21 MHz. In Manchester mode,
the specified clock range is 9 MHz to 11 MHz. The
differential ±1-V input structure of the device is
optimized for high noise environments typical for
industrial applications.
Select the output bitstream of the AMC1035 to be
Manchester coded to prevent setup and hold time
requirement considerations of the receiving device
and reduce overall circuit layout efforts. When used
with a digital filter (such as integrated in the
TMS320F28004x, TMS320F2807x or TMS320F2837x
microcontroller families) to decimate the output
bitstream, the device can achieve 16 bits of resolution
with a dynamic range of 87 dB at a data rate of 82
kSPS.
The internal reference source of the AMC1035
supports ratiometric circuit architecture to minimize
the negative impact of the supply voltage variation
and temperature drift on the accuracy of the
measurement.
The AMC1035 can also be used for AC power line
voltage sensing with a digital isolator and isolated
power supply.




Similar Part No. - AMC1035D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1035D TI1-AMC1035D Datasheet
1Mb / 33P
Delta-Sigma Modulator With Bipolar Input of (-)1 V and Reference Output of 2.5 V
AMC1035DR TI1-AMC1035DR Datasheet
1Mb / 33P
Delta-Sigma Modulator With Bipolar Input of (-)1 V and Reference Output of 2.5 V
More results


Similar Description - AMC1035D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8102 MAXIM-DS8102 Datasheet
157Kb / 9P
Dual Delta-Sigma Modulator and Encoder
Rev 1; 2/09
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
IMPLEMENTATION OF SIGMA-DELTA ADC
Rev. 1.0
logo
Texas Instruments
AMC1035 TI1-AMC1035 Datasheet
422Kb / 22P
Delta-Sigma Modulator With Bipolar Input of ,-1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035_18 Datasheet
423Kb / 22P
Delta-Sigma Modulator With Bipolar Input of (,-)1 V and Reference Output of 2.5 V
AMC1035_1811 TI1-AMC1035_1811 Datasheet
1Mb / 33P
Delta-Sigma Modulator With Bipolar Input of (-)1 V and Reference Output of 2.5 V
AMC1035-Q1 TI1-AMC1035-Q1 Datasheet
763Kb / 32P
Delta-Sigma Modulator With a Bipolar Input of 짹1 V and Reference Output of 2.5 V
AMC1035-Q1 TI1-AMC1035-Q1_V01 Datasheet
763Kb / 32P
AMC1035-Q1 Delta-Sigma Modulator With a Bipolar Input of 짹1 V and Reference Output of 2.5 V
logo
Analog Devices
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
logo
Texas Instruments
AMC1333M10 TI-AMC1333M10 Datasheet
1Mb / 36P
AMC1333M10 Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With 10-MHz Internal Clock
MAY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com