Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1035 Datasheet (PDF) - Texas Instruments

AMC1035 Datasheet PDF - Texas Instruments
Part # AMC1035
Download  AMC1035 Download
File Size   1089.2 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1035-Q1 Delta-Sigma Modulator With a Bipolar Input of ±1 V and Reference Output of 2.5 V

AMC1035 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1035 Datasheet PDF - Texas Instruments

Part # AMC1035
Download  AMC1035 Click to download

File Size   1089.2 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1035-Q1 Delta-Sigma Modulator With a Bipolar Input of ±1 V and Reference Output of 2.5 V

AMC1035 Datasheet (HTML) - Texas Instruments


AMC1035 Product details

1 Features
1• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Delta-sigma modulator optimized for voltage and
temperature sensing:
– Input voltage range: ±1 V
– High differential input resistance: 1.6 GΩ (typ)
– Integrated 2.5-V, ±5-mA reference for
ratiometric measurement
• Excellent DC performance:
– Offset error: ±0.5 mV (max)
– Offset drift: ±6 μV/°C (max)
– Gain error: ±0.25% (max)
– Gain drift: ±45 ppm/°C (max)
– Ratiometric gain drift: ±15 ppm/°C (max)
• Selectable Manchester encoded or uncoded
bitstream output

2 Applications
• Voltage and temperature sensing in:
– Traction inverters
– Onboard chargers
– DC/DC converters
– Integrated power modules

3 Description
The AMC1035-Q1 is a precision, delta-sigma (ΔΣ)
modulator that operates from a single 3.0-V to 5.5-V
supply and with an externally supplied clock signal in
the range of 9 MHz to 21 MHz. In Manchester mode,
the specified clock range is 9 MHz to 11 MHz. The
differential ±1-V input structure of the device is
optimized for voltage and temperature sensing
applications.
Select the output bitstream of the AMC1035-Q1 to be
Manchester coded to prevent setup and hold time
requirement considerations of the receiving device
and to reduce overall circuit layout efforts. When
used with a digital filter (such as integrated in the
TMS320F28004x, TMS320F2807x, or
TMS320F2837x microcontroller families) to decimate
the output bitstream, the device can achieve 16 bits
of resolution with a dynamic range of 87 dB at a data
rate of 82 kSPS.
The internal reference source of the AMC1035-Q1
supports a ratiometric circuit architecture to minimize
the negative impact of the supply voltage variation
and temperature drift on the accuracy of the
measurement.
The AMC1035-Q1 can also be used for high
common-mode AC voltage sensing with a digital
isolator and isolated power supply.




Similar Part No. - AMC1035

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1035 TI1-AMC1035 Datasheet
422Kb / 22P
Delta-Sigma Modulator With Bipolar Input of ,-1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035 Datasheet
423Kb / 22P
Delta-Sigma Modulator With Bipolar Input of (,-)1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035 Datasheet
1Mb / 33P
Delta-Sigma Modulator With Bipolar Input of (-)1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035 Datasheet
763Kb / 32P
Delta-Sigma Modulator With a Bipolar Input of 짹1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035 Datasheet
763Kb / 32P
AMC1035-Q1 Delta-Sigma Modulator With a Bipolar Input of 짹1 V and Reference Output of 2.5 V
More results


Similar Description - AMC1035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8102 MAXIM-DS8102 Datasheet
157Kb / 9P
Dual Delta-Sigma Modulator and Encoder
Rev 1; 2/09
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
logo
Texas Instruments
AMC1035 TI1-AMC1035 Datasheet
422Kb / 22P
Delta-Sigma Modulator With Bipolar Input of ,-1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035_18 Datasheet
423Kb / 22P
Delta-Sigma Modulator With Bipolar Input of (,-)1 V and Reference Output of 2.5 V
AMC1035_1811 TI1-AMC1035_1811 Datasheet
1Mb / 33P
Delta-Sigma Modulator With Bipolar Input of (-)1 V and Reference Output of 2.5 V
AMC1035-Q1 TI1-AMC1035-Q1 Datasheet
763Kb / 32P
Delta-Sigma Modulator With a Bipolar Input of 짹1 V and Reference Output of 2.5 V
AMC1035-Q1 TI1-AMC1035-Q1_V01 Datasheet
763Kb / 32P
AMC1035-Q1 Delta-Sigma Modulator With a Bipolar Input of 짹1 V and Reference Output of 2.5 V
AMC3336-Q1 TI-AMC3336-Q1 Datasheet
2Mb / 40P
AMC3336-Q1 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
logo
Analog Devices
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
logo
Texas Instruments
AMC1333M10 TI-AMC1333M10 Datasheet
1Mb / 36P
AMC1333M10 Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With 10-MHz Internal Clock
MAY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com