Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4AC109 Datasheet (PDF) - Texas Instruments

CDX4AC109 Datasheet PDF - Texas Instruments
Part # CDX4AC109
Download  CDX4AC109 Download
File Size   1090.24 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4AC109 Dual J-K Positive-Edge-Triggered Flip-flops with Clear and Preset

CDX4AC109 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDX4AC109 Datasheet PDF - Texas Instruments

Part # CDX4AC109
Download  CDX4AC109 Click to download

File Size   1090.24 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4AC109 Dual J-K Positive-Edge-Triggered Flip-flops with Clear and Preset

CDX4AC109 Datasheet (HTML) - Texas Instruments


CDX4AC109 Product details

1 Features
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
voltage
• Speed of bipolar F, AS, and S, with significantly
reduced power consumption
• Balanced propagation delays
• ±24mA output drive current
– Fanout to 15 F devices
• SCR-latchup-resistant CMOS process and circuit
design
• Exceeds 2kV ESD protection per MIL-STD-883,
method 3015

2 Description
The CD74AC109-Q1 device contains two
independent J-K positive edge triggered flip-flops. A
low level at the preset (PRE) or clear (CLR) inputs
sets or resets the outputs, regardless of the levels of
the other inputs. When PRE and CLR are inactive
(high), data at the J and K inputs that meets the
setup-time requirements is transferred to the outputs
on the positive-going edge of the clock (CLK) pulse.
The device is qualified for automotive applications.




Similar Part No. - CDX4AC109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDX4AC138 TI1-CDX4AC138 Datasheet
2Mb / 30P
CDx4AC138 3-Line to 8-Line Decoders/Demultiplexers
JULY 2024
CDX4AC153 TI2-CDX4AC153 Datasheet
2Mb / 29P
CDx4AC153 Dual 4-Line to 1-Line Data Selectors/Multiplexers
REVISED APRIL 2025
CDX4AC157 TI2-CDX4AC157 Datasheet
1Mb / 30P
CDx4AC157 Quadruple 2-Line to 1-Line Data Selectors/Multiplexers
REVISED JUNE 2025
CDX4AC161 TI2-CDX4AC161 Datasheet
976Kb / 23P
CDx4AC161 4-Bit Synchronous Binary Counters
REVISED MAY 2024
CDX4AC164 TI-CDX4AC164 Datasheet
835Kb / 19P
CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
OCTOBER 2024
More results


Similar Description - CDX4AC109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54109 TI-SN54109 Datasheet
271Kb / 7P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54ALS109A TI-SN54ALS109A Datasheet
138Kb / 9P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
74AC11109 TI-74AC11109 Datasheet
89Kb / 7P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54ACT109 TI-CD54ACT109 Datasheet
337Kb / 10P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54F109 TI-SN54F109 Datasheet
109Kb / 6P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54ACT109 TI-CD54ACT109_08 Datasheet
349Kb / 11P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74HC109NSR TI1-SN74HC109NSR Datasheet
855Kb / 19P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54F109 TI1-SN54F109_15 Datasheet
563Kb / 15P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54ALS109A TI1-SN54ALS109A_15 Datasheet
1Mb / 19P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74LS109 TI1-SN74LS109_V01 Datasheet
409Kb / 12P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com