Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC164E Datasheet (PDF) - Texas Instruments

CD74HC164E Datasheet PDF - Texas Instruments
Part # CD74HC164E
Download  CD74HC164E Download
File Size   1103.27 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC164, CDx4HCT164 High-Speed CMOS Logic 8-Bit Serial-In, Parallel-Out Shift Register

CD74HC164E Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC164E Datasheet PDF - Texas Instruments

Part # CD74HC164E
Download  CD74HC164E Click to download

File Size   1103.27 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC164, CDx4HCT164 High-Speed CMOS Logic 8-Bit Serial-In, Parallel-Out Shift Register

CD74HC164E Datasheet (HTML) - Texas Instruments


CD74HC164E Product details

1 Features
• Buffered inputs
• Asynchronous reset
• Typical fMAX = 60MHz at VCC = 5V, CL = 15pF,
TA = 25°C
• Fanout (overtemperature range)
– Standard Outputs: 10 LSTTL loads
– Bus driver outputs: 15 LSTTL loads
• Wide operating temp range: – 55°C to 125°C
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
logic ICs
• HC types
– 2V to 6V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5V
• HCT types
– 4.5V to 5.5V operation
– Direct LSTTL input logic compatibility, VIL =
0.8V (Max), VIH = 2V (Min)
– CMOS input compatibility, II ≤ 1μA at VOL, VOH

2 Description
The ’HC164 and ’HCT164 are 8-bit, serial-in, parallelout,
shift registers with asynchronous reset. Data is
shifted on the positive edge of Clock (CLK). A LOW
on the RESET (CLR) pin resets the shift register and
all outputs go to the LOW state regardless of the
input conditions. Two Serial Data inputs (A and B) are
provided, either one can be used as a data enable
control.




Similar Part No. - CD74HC164E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC164E TI-CD74HC164E Datasheet
47Kb / 7P
High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC164E TI-CD74HC164E Datasheet
269Kb / 11P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC164E TI-CD74HC164E Datasheet
339Kb / 15P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC164E TI-CD74HC164E Datasheet
444Kb / 14P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC164EE4 TI-CD74HC164EE4 Datasheet
339Kb / 15P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
More results


Similar Description - CD74HC164E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC164 TI-CD74HC164 Datasheet
47Kb / 7P
High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC165 TI-CD74HC165 Datasheet
52Kb / 9P
High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC166 TI-CD74HC166 Datasheet
274Kb / 13P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC165 TI-CD54HC165 Datasheet
261Kb / 13P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164 Datasheet
269Kb / 11P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC164 TI-CD54HC164_07 Datasheet
339Kb / 15P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165_07 Datasheet
418Kb / 15P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC166 TI-CD54HC166_08 Datasheet
564Kb / 16P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_08 Datasheet
444Kb / 14P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com