Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD25501F3T Datasheet (PDF) - Texas Instruments

CSD25501F3T Datasheet PDF - Texas Instruments
Part # CSD25501F3T
Download  CSD25501F3T Download
File Size   1083.49 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD25501F3 –20V P-Channel FemtoFET™ MOSFET

CSD25501F3T Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD25501F3T Datasheet PDF - Texas Instruments

Part # CSD25501F3T
Download  CSD25501F3T Click to download

File Size   1083.49 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD25501F3 –20V P-Channel FemtoFET™ MOSFET

CSD25501F3T Datasheet (HTML) - Texas Instruments


CSD25501F3T Product details

1 Features
• Low on-resistance
• Ultra-low Qg and Qgd
• Ultra-small footprint
– 0.7mm × 0.6mm
• Low profile
– 0.22mm max height
• Integrated ESD protection diode
• Lead and halogen free
• RoHS compliant

2 Applications
• Optimized for load switch applications
• Battery applications
• Handheld and mobile applications

3 Description
This –20V, 64mΩ, P-Channel FemtoFET™ MOSFET
is designed and optimized to minimize the footprint
in many handheld and mobile applications. This
technology is capable of replacing standard small
signal MOSFETs while providing a substantial
reduction in footprint size. The integrated 10kΩ clamp
resistor (RC) allows the gate voltage (VGS) to be
operated above the maximum internal gate oxide
value of –6V, depending on duty cycle. The gate
leakage (IGSS) through the diode increases as VGS is
increased above –6V.




Similar Part No. - CSD25501F3T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25501F3T TI1-CSD25501F3T Datasheet
1Mb / 13P
??0-V P-Channel FemtoFET MOSFET
More results


Similar Description - CSD25501F3T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD23280F3 TI1-CSD23280F3 Datasheet
1Mb / 14P
12V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD25480F3 TI1-CSD25480F3 Datasheet
1Mb / 14P
20V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
20-V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
12-V, P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
??0-V P-Channel FemtoFET MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com