Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC088S085 Datasheet (PDF) - Texas Instruments

DAC088S085 Datasheet PDF - Texas Instruments
Part # DAC088S085
Download  DAC088S085 Download
File Size   1103.3 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs

DAC088S085 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC088S085 Datasheet PDF - Texas Instruments

Part # DAC088S085
Download  DAC088S085 Click to download

File Size   1103.3 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs

DAC088S085 Datasheet (HTML) - Texas Instruments


DAC088S085 Product details

1 Features
1• Ensured Monotonicity
• Low Power Operation
• Rail-to-Rail Voltage Output
• Daisy Chain Capability
• Power-On Reset to 0 V
• Simultaneous Output Updating
• Individual Channel Power Down Capability
• Wide Power Supply Range (2.7 V to 5.5 V)
• Dual Reference Voltages With Range of 0.5 V to
VA
• Operating Temperature Range of –40°C to 125°C
• Industry's Smallest Package
• Key Specifications
– Resolution: 8 Bits
– INL: ±0.5 LSB (Maximum)
– DNL: 0.15 / –0.1 LSB (Maximum)
– Settling Time: 4.5 μs (Maximum)
– Zero Code Error: 15 mV (Maximum)
– Full-Scale Error: –0.75 %FSR (Maximum)
– Supply Power :
– Normal: 1.95 mW (3 V) / 4.85 mW (5 V)
Typical
– Power Down: 0.3 μW (3 V) / 1 μW (5 V)
Typical

2 Applications
• Battery-Powered Instruments
• Digital Gain and Offset Adjustment
• Programmable Voltage and Current Sources
• Programmable Attenuators
• Voltage Reference for ADCs
• Sensor Supply Voltage
• Range Detectors

3 Description
The DAC088S085 is a full-featured, general-purpose,
OCTAL, 8-bit, voltage-output, digital-to-analog
converter (DAC) that can operate from a single 2.7 V
to 5.5 V supply and consumes 1.95 mW at 3 V and
4.85 mW at 5 V. The DAC088S085 is packaged in a
16-pin WQFN package and a 16-pin TSSOP
package. The WQFN package makes the
DAC088S085 the smallest OCTAL DAC in its class.
The on-chip output amplifiers allow rail-to-rail output
swing and the three-wire serial interface operates at
clock rates up to 40 MHz over the entire supply
voltage range. Competitive devices are limited to
25‑MHz clock rates at supply voltages in the range of
2.7 V to 3.6 V. The serial interface is compatible with
standard SPI™, QSPI, MICROWIRE, and DSP
interfaces. The DAC088S085 also offers daisy chain
operation where an unlimited number of devices can
be updated simultaneously using a single serial
interface.




Similar Part No. - DAC088S085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC088S085 NSC-DAC088S085 Datasheet
529Kb / 24P
8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC088S085 TI-DAC088S085 Datasheet
1Mb / 35P
Ensured Monotonicity, Low Power Operation, Rail-to-Rail Voltage Output, Daisy Chain Capability
DAC088S085 TI1-DAC088S085 Datasheet
1Mb / 41P
DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC088S085CIMT NSC-DAC088S085CIMT Datasheet
529Kb / 24P
8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC088S085CIMT/NOPB TI1-DAC088S085CIMT/NOPB Datasheet
1Mb / 41P
DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
More results


Similar Description - DAC088S085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085 NSC-DAC088S085 Datasheet
529Kb / 24P
8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 TI1-DAC128S085_15 Datasheet
1Mb / 35P
12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC088S085 TI1-DAC088S085_16 Datasheet
1Mb / 41P
DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
DAC108S085 TI1-DAC108S085_15 Datasheet
1Mb / 36P
DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com