Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC2902Y/250 Datasheet (PDF) - Texas Instruments

DAC2902Y/250 Datasheet PDF - Texas Instruments
Part # DAC2902Y/250
Download  DAC2902Y/250 Download
File Size   1108.48 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER

DAC2902Y/250 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC2902Y/250 Datasheet PDF - Texas Instruments

Part # DAC2902Y/250
Download  DAC2902Y/250 Click to download

File Size   1108.48 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER

DAC2902Y/250 Datasheet (HTML) - Texas Instruments


DAC2902Y/250 Product details

FEATURES
125MSPS UPDATE RATE
SINGLE SUPPLY: +3.3V or +5V
HIGH SFDR: 70dB at fOUT = 20MHz
LOW GLITCH: 2pV-s
LOW POWER: 310mW
INTERNAL REFERENCE
POWER-DOWN MODE: 23mW

APPLICATIONS
COMMUNICATIONS:
Base Stations, WLL, WLAN
Baseband I/Q Modulation
MEDICAL/TEST INSTRUMENTATION
ARBITRARY WAVEFORM GENERATORS (ARB)
DIRECT DIGITAL SYNTHESIS (DDS)

DESCRIPTION
The DAC2902 is a monolithic, 12-bit, dual-channel,
high-speed Digital-to-Analog Converter (DAC), and is optimized
to provide high dynamic performance while dissipating
only 310mW.
Operating with high update rates of up to 125MSPS, the
DAC2902 offers exceptional dynamic performance, and
enables the generation of very high output frequencies
suitable for Direct IF applications. The DAC2902 has
been optimized for communications applications in which
separate I and Q data are processed while maintaining
tight gain and offset matching.
Each DAC has a high-impedance differential-current output,
suitable for single-ended or differential analog output
configurations.
The DAC2902 combines high dynamic performance with
a high throughput rate to create a cost-effective solution
for a wide variety of waveform-synthesis applications:
• Pin compatibility between family members provides 10-
bit (DAC2900), 12-bit (DAC2902), and 14-bit (DAC2904)
resolution.
• Pin compatible to the AD9765 dual DAC.
• Gain matching is typically 0.5% of full-scale, and offset
matching is specified at 0.02% max.
• The DAC2902 utilizes an advanced CMOS process; the
segmented architecture minimizes output glitch energy,
and maximizes the dynamic performance.
• All digital inputs are +3.3V and +5V logic compatible.
The DAC2902 has an internal reference circuit, and
allows use of an external reference.
• The DAC2902 is available in a TQFP-48 package, and
is specified over the extended industrial temperature
range of –40°C to +85°C.




Similar Part No. - DAC2902Y/250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC2902Y/250 TI1-DAC2902Y/250 Datasheet
766Kb / 22P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902Y/250 TI2-DAC2902Y/250 Datasheet
607Kb / 24P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
REVISED SEPTEMBER 2008
DAC2902Y/250.B TI2-DAC2902Y/250.B Datasheet
607Kb / 24P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
REVISED SEPTEMBER 2008
DAC2902Y/2501G4 TI2-DAC2902Y/2501G4 Datasheet
607Kb / 24P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
REVISED SEPTEMBER 2008
DAC2902Y/2501G4.B TI2-DAC2902Y/2501G4.B Datasheet
607Kb / 24P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
REVISED SEPTEMBER 2008
More results


Similar Description - DAC2902Y/250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com