Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7574IDGSG4 Datasheet (PDF) - Texas Instruments

DAC7574IDGSG4 Datasheet PDF - Texas Instruments
Part # DAC7574IDGSG4
Download  DAC7574IDGSG4 Download
File Size   1098.51 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER

DAC7574IDGSG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7574IDGSG4 Datasheet PDF - Texas Instruments

Part # DAC7574IDGSG4
Download  DAC7574IDGSG4 Click to download

File Size   1098.51 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER

DAC7574IDGSG4 Datasheet (HTML) - Texas Instruments


DAC7574IDGSG4 Product details

FEATURES
· Micropower Operation: 600 µA at 5 V VDD
· Power-On Reset to Zero
· +2.7 V to +5.5 V Analog Power Supply
· 12-Bit Monotonic
· I2C™ Interface Up to 3.4 Mbps
· Data Transmit Capability
· On-Chip Output Buffer Amplifier, Rail-to-Rail
Operation
· Double-Buffered Input Register
· Address Support for up to Four DAC7574s
· Synchronous Update Support for up to 16
Channels
· Operation From -40°C to 105°C
· Small 10 Lead MSOP Package

APPLICATIONS
· Process Control
· Data Acquisition Systems
· Closed-Loop Servo Control
· PC Peripherals
· Portable Instrumentation

DESCRIPTION
The DAC7574 is a low-power, quad channel, 12-bit
buffered voltage output DAC. Its on-chip precision out-
put amplifier allows rail-to-rail output swing to be
achieved. The DAC7574 utilizes an I2C compatible two
wire serial interface supporting high-speed interface
mode with address support of up to four DAC7574s for
a total of 16 channels on the bus.
The DAC7574 uses VDD and GND to set the output
range of the DAC. The DAC7574 incorporates a
power-on-reset circuit that ensures that the DAC output
powers up at zero volts and remains there until a valid
write takes place to the device. The DAC7574 contains a power-down feature, accessed via the internal control
register, that reduces the current consumption of the
device to 200 nA at 5 V.
The low power consumption of this part in normal
operation makes it ideally suited to portable battery
operated equipment. The power consumption is less
than 3mW at VDD = 5 V reducing to 1 µWin power-down
mode.
The DAC7574 is available in a 10-leadMSOP package.




Similar Part No. - DAC7574IDGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7574IDGSG4 TI-DAC7574IDGSG4 Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC7574IDGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8574 TI-DAC8574 Datasheet
949Kb / 1P
QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
DAC5574 TI-DAC5574 Datasheet
519Kb / 30P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
DAC5574 TI1-DAC5574 Datasheet
719Kb / 32P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
DAC7573 TI1-DAC7573_16 Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com