Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC2900Y Datasheet (PDF) - Texas Instruments

DAC2900Y Datasheet PDF - Texas Instruments
Part # DAC2900Y
Download  DAC2900Y Download
File Size   1088.18 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER

DAC2900Y Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC2900Y Datasheet PDF - Texas Instruments

Part # DAC2900Y
Download  DAC2900Y Click to download

File Size   1088.18 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER

DAC2900Y Datasheet (HTML) - Texas Instruments


DAC2900Y Product details

FEATURES
125MSPS UPDATE RATE
SINGLE SUPPLY: +3.3V or +5V
HIGH SFDR: 68dB at fOUT = 20MHz
LOW GLITCH: 2pV-s
LOW POWER: 310mW at +5V
INTERNAL REFERENCE
POWER-DOWN MODE: 23mW

APPLICATIONS
COMMUNICATIONS:
Base Stations, WLL, WLAN
Baseband I/Q Modulation
MEDICAL/TEST INSTRUMENTATION
ARBITRARY WAVEFORM GENERATORS (ARB)
DIRECT DIGITAL SYNTHESIS (DDS)

DESCRIPTION
The DAC2900 is a monolithic, 10-bit, dual-channel,
high-speed Digital-to-Analog Converter (DAC), and is
optimized to provide high dynamic performance while
dissipating only 310mW on a +5V single supply.
Operating with high update rates of up to 125MSPS, the
DAC2900 offers exceptional dynamic performance, and
enables the generation of very high output frequencies
suitable for Direct IF applications. The DAC2900 has
been optimized for communications applications in which
separate I and Q data are processed while maintaining
tight gain and offset matching.
Each DAC has a high-impedance differential-current
output, suitable for single-ended or differential analog
output configurations.
The DAC2900 combines high dynamic performance with
a high throughput rate to create a cost-effective solution
for a wide variety of waveform-synthesis applications:
• Pin compatibility between family members provides
10-bit (DAC2900), 12-bit (DAC2902), and 14-bit
(DAC2904) resolution.
• Pin compatible to the AD9763 dual DAC.
• Gain matching is typically 0.5% of full-scale, and offset
matching is specified at 0.02% max.
• The DAC2900 utilizes an advanced CMOS process; the
segmented architecture minimizes output glitch energy,
and maximizes dynamic performance.
• All digital inputs are +3.3V and +5V logic compatible.
The DAC2900 has an internal reference circuit, and
allows use of an external reference.
• The DAC2900 is available in a TQFP-48 package, and
is specified over the extended industrial temperature
range of –40°C to +85°C.




Similar Part No. - DAC2900Y

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2900Y/1K BURR-BROWN-DAC2900Y/1K Datasheet
416Kb / 17P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900Y/1K TI1-DAC2900Y/1K Datasheet
746Kb / 21P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/1KG4 TI1-DAC2900Y/1KG4 Datasheet
746Kb / 21P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2900Y/250 BURR-BROWN-DAC2900Y/250 Datasheet
416Kb / 17P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900Y/250 TI1-DAC2900Y/250 Datasheet
746Kb / 21P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC2900Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
10-Bit Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com