Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7821 Datasheet (PDF) - Texas Instruments

DAC7821 Datasheet PDF - Texas Instruments
Part # DAC7821
Download  DAC7821 Download
File Size   1112.04 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter

DAC7821 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7821 Datasheet PDF - Texas Instruments

Part # DAC7821
Download  DAC7821 Click to download

File Size   1112.04 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter

DAC7821 Datasheet (HTML) - Texas Instruments


DAC7821 Product details

FEATURES
· 2.5V to 5.5V Supply Operation
· Fast Parallel Interface:
17ns Write Cycle
· Update Rate of 20.4MSPS
· 10MHz Multiplying Bandwidth
· ±10V Reference Input
· Low Glitch Energy: 5nV-s
· Extended Temperature Range:
–40°C to +125°C
· 20-Lead TSSOP Packages
· 12-Bit Monotonic
· ±1LSB INL
· 4-Quadrant Multiplication
· Power-On Reset with Brownout Detection
· Readback Function
· Industry-Standard Pin Configuration

APPLICATIONS
· Portable Battery-Powered Instruments
· Waveform Generators
· Analog Processing
· Programmable Amplifiers and Attenuators
· Digitally-Controlled Calibration
· Programmable Filters and Oscillators
· Composite Video
· Ultrasound

DESCRIPTION
The DAC7821 is a CMOS 12-bit current output
digital-to-analog converter (DAC). This device
operates from a single 2.5V to 5.5V power supply,
making it suitable for battery-powered and many other applications.
This DAC operates with a fast parallel interface. Data
readback allows the user to read the contents of the
DAC register via the DB pins. On power-up, the
internal register and latches are filled with zeroes
and the DAC outputs are at zero scale.
The DAC7821 offers excellent 4-quadrant
multiplication characteristics, with a large signal
multiplying bandwidth of 10MHz. The applied
external reference input voltage (VREF) determines
the full-scale output current. An integrated feedback
resistor (RFB) provides temperature tracking and
full-scale voltage output when combined with an
external current-to-voltage precision amplifier.
The DAC7821 is available in a 20-lead TSSOP
package.




Similar Part No. - DAC7821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC7821IPW TI-DAC7821IPW Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC7821IPWG4 TI-DAC7821IPWG4 Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC7821IPWR TI-DAC7821IPWR Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC7821IPWRG4 TI-DAC7821IPWRG4 Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Similar Description - DAC7821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com