Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83630 Datasheet (PDF) - Texas Instruments

DP83630 Datasheet PDF - Texas Instruments
Part # DP83630
Download  DP83630 Download
File Size   1112.73 Kbytes
Page   138 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83630 Precision PHYTER™ - IEEE 1588 Precision Time Protocol Transceiver

DP83630 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP83630 Datasheet PDF - Texas Instruments

Part # DP83630
Download  DP83630 Click to download

File Size   1112.73 Kbytes
Page   138 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DP83630 Precision PHYTER™ - IEEE 1588 Precision Time Protocol Transceiver

DP83630 Datasheet (HTML) - Texas Instruments


DP83630 Product details

1.1 Features
123
• IEEE 1588 V1 and V2 Supported
• UDP/IPv4, UDP/IPv6, and Layer2 Ethernet
Packets Supported
• IEEE 1588 Clock Synchronization
• Selectable Frequency Synchronized Low Jitter
Clock Output
• Timestamp Resolution of 8 ns
• Allows Sub 10 ns Synchronization to Master
Reference
• 12 IEEE 1588 GPIOs for Trigger or Capture
• Deterministic, Low Transmit and Receive
Latency
• Dynamic Link Quality Monitoring
• TDR Based Cable Diagnostic and Cable Length
Detection
• 10/100 Mb/s Packet BIST (Built in Self Test)
• Error-Free Operation up to 150 Meters CAT5
Cable
• ESD Protection - 8 kV Human Body Model
• 2.5 V and 3.3 V I/Os and MAC Interface
• Auto-MDIX for 10/100 Mbps
• Auto-Crossover in Forced Modes of Operation
• RMII Rev. 1.2 and MII MAC Interface
• RMII Master Mode
• 25 MHz MDC and MDIO Serial Management
Interface
• IEEE 802.3u 100BASE-FX Fiber Interface
• IEEE 1149.1 JTAG
• Programmable LED Support for Link, 10 /100
Mb/s Mode, Duplex, Activity, and Collision
Detect
• Optional 100BASE-TX Fast Link-Loss Detection
• Industrial Temperature Range
• 48 Pin WQFN Package (7mm) x (7mm)

1.2 Applications
• Telecom
– Basestation
– Pico/Femto Cells
• Factory Automation
– Ethernet/IP
– CIP Sync
• Test and Measurement
– LXI Standard
• Video Synchronization
• Real Time Networking

1.3 Description
The DP83630 Precision PHYTER™ device delivers the highest level of precision clock synchronization for
real time industrial connectivity based on the IEEE 1588 standard. The DP83630 has deterministic, low
latency and allows choice of microcontroller with no hardware customization required. The integrated 1588
functionality allows system designers the flexibility and precision of a close to the wire timestamp. The
three key 1588 features supported by the device are:
— Packet time stamps for clock synchronization
— Integrated IEEE 1588 synchronized low jitter clock generation
— Synchronized event triggering and time stamping through GPIO
DP83630 offers innovative diagnostic features unique to Texas Instruments, including dynamic monitoring
of link quality during standard operation for fault prediction. These advanced features allow the system
designer to implement a fault prediction mechanism to detect and warn of deteriorating and changing link
conditions. This single port fast Ethernet transceiver can support both copper and fiber media.




Similar Part No. - DP83630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83630 TI1-DP83630 Datasheet
1Mb / 128P
DP83630 Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
DP83630 TI1-DP83630 Datasheet
1Mb / 135P
DP83630 Precision PHYTER??- IEEE 1588 Precision Time Protocol Transceiver
DP83630SQ TI1-DP83630SQ Datasheet
1Mb / 135P
DP83630 Precision PHYTER??- IEEE 1588 Precision Time Protocol Transceiver
DP83630SQ/NOPB TI1-DP83630SQ/NOPB Datasheet
1Mb / 135P
DP83630 Precision PHYTER??- IEEE 1588 Precision Time Protocol Transceiver
DP83630SQE TI1-DP83630SQE Datasheet
1Mb / 135P
DP83630 Precision PHYTER??- IEEE 1588 Precision Time Protocol Transceiver
More results


Similar Description - DP83630

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83640 NSC-DP83640 Datasheet
2Mb / 114P
Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83640 NSC-DP83640_08 Datasheet
2Mb / 124P
Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
Texas Instruments
DP83630 TI1-DP83630 Datasheet
1Mb / 128P
DP83630 Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
DP83640TVV TI1-DP83640TVV Datasheet
1Mb / 136P
DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83640TVVX TI1-DP83640TVVX Datasheet
1Mb / 137P
DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83630SQE TI1-DP83630SQE Datasheet
1Mb / 135P
DP83630 Precision PHYTER??- IEEE 1588 Precision Time Protocol Transceiver
DP83640 TI1-DP83640_14 Datasheet
1Mb / 129P
Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
Micrel Semiconductor
KSZ8463ML MICREL-KSZ8463ML Datasheet
3Mb / 259P
IEEE 1588 Precision Time Protocol-Enabled, Three-Port, 10/100-Managed Switch with MII or RMII
KSZ8462HL MICREL-KSZ8462HL Datasheet
3Mb / 279P
IEEE 1588 Precision Time Protocol-Enabled Two-Port 10/100Mb/s Ethernet Switch with 8 or 16 Bit Host Interface
KSZ8463RL MICREL-KSZ8463RL Datasheet
3Mb / 259P
IEEE 1588 Precision Time Protocol- Enabled, Three-Port, 10/100-Managed Switch with MII or RMII
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com