Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2010 Datasheet (PDF) - Texas Instruments

DLP2010 Datasheet PDF - Texas Instruments
Part # DLP2010
Download  DLP2010 Download
File Size   1088.42 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLPA2000 Power Management and LED/Lamp Driver IC

DLP2010 Datasheet (PDF)

Go To PDF Page Download Datasheet
DLP2010 Datasheet PDF - Texas Instruments

Part # DLP2010
Download  DLP2010 Click to download

File Size   1088.42 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLPA2000 Power Management and LED/Lamp Driver IC

DLP2010 Datasheet (HTML) - Texas Instruments


DLP2010 Product details

1 Features
1• High Efficiency RGB LED/Lamp Driver with Buck-
Boost DC-to-DC Converter, DMD Supplies, DPP
Core Supply, 1.8-V Load Switch, and
Measurement System in a Small Chip-Scale
Package
• Three Low-Impedance (30 mΩ Typical at 27°C)
MOSFET Switches for Channel Selection
• Independent, 10-Bit Current Control per Channel
• 750-mA Max LED Current for DLPA2000
Embedded Applications
• On-Chip Motor Driver
• DMD Regulators
– Requires Only a Single Inductor
– VOFS: 10 V
– VBIAS: 18 V
– VRST: –14 V
– Passive Discharge to GND When Disabled
• DPP 1.1-V Core Supply
– Synchronous Step-Down Converter with
Integrated Switching FETs
– Supports up to 600-mA Output Current
• VLED Buck Boost Converter
– Power Save Mode at Light Load Current
• Low-Impedance Load Switch
– VIN Range from 1.8 V to 3.6 V
– Supports up to 200 mA of Current
– Passive Discharge to GND When Disabled
• DMD Reset Signal Generation and Power Supply
Sequencing
• 33-MHz Serial Peripheral Interface (SPI)
• Multiplexer for Measuring Analog Signals
– Battery Voltage
– LED Voltage, LED Current
– Light Sensor (for White Point Correction)
– Internal Reference Voltage
– External (Thermistor) Temperature Sensor
• Monitoring and Protection Circuits
– Hot Die Warning and Thermal
– Low-Battery Warning
– Programmable Battery Undervoltage Lockout
(UVLO)
– Load Switch UVLO
– Overcurrent and Undervoltage Protection
• DLPA2000 DSBGA Package
– 56-Ball 0.4-mm Pitch
– Die Size: 3.280 mm × 3.484 mm ± 0.03 mm

2 Applications
DLP™ Display Projector
DLP™ Mobile Sensing

3 Description
The DLPA2000 is a dedicated PMIC/RGB LED/lamp
driver for the DLP2010 and DLP2010NIR digital
micromirror devices (DMD) when used with a
DLPC3430, DLPC3435, or DLPC150 digital
controller. For reliable operation of these chipsets, it
is mandatory to use the DLPA2000.




Similar Part No. - DLP2010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
WVGA DMD
DLP2010 TI1-DLP2010 Datasheet
684Kb / 41P
0.2 WVGA DMD
DLP2010 TI1-DLP2010 Datasheet
680Kb / 42P
DLP2010 .2 WVGA DMD
DLP2010AFQJ TI1-DLP2010AFQJ Datasheet
680Kb / 42P
DLP2010 .2 WVGA DMD
DLP2010FQJ TI1-DLP2010FQJ Datasheet
684Kb / 41P
0.2 WVGA DMD
More results


Similar Description - DLP2010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Rohm
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
Power Management IC Series for Automotive Body Control LED Driver
logo
Freescale Semiconductor...
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
Power Management and User Interface IC
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
Power Management and User Interface IC
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
POWER AND BATTERY MANAGEMENT IC
DLPA2000 TI1-DLPA2000 Datasheet
1Mb / 58P
Power Management and LED/Lamp Driver IC
DLPA2005 TI1-DLPA2005 Datasheet
1Mb / 55P
Power Management and LED/Lamp Driver IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
Power- and Battery-Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
DLPA1000 TI1-DLPA1000 Datasheet
863Kb / 47P
Power Management and LED Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com