Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLS3D18 Datasheet (PDF) - Sumida Corporation

CLS3D18 Datasheet PDF - Sumida Corporation
Part # CLS3D18
Download  CLS3D18 Download
File Size   44.26 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Power Inductor & 2 in 1 Power Transformer

CLS3D18 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLS3D18 Datasheet PDF - Sumida Corporation

Part # CLS3D18
Download  CLS3D18 Click to download

File Size   44.26 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Power Inductor & 2 in 1 Power Transformer

CLS3D18 Datasheet (HTML) - Sumida Corporation




Similar Part No. - CLS3D18

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS3D18 SUMIDA-CLS3D18 Datasheet
304Kb / 3P
2 in 1 Inductor & 3 in 1 Inductor
More results


Similar Description - CLS3D18

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS6D23 SUMIDA-CLS6D23 Datasheet
39Kb / 1P
Power Inductor&2 in 1 Power Transformer
CLS6D18 SUMIDA-CLS6D18 Datasheet
39Kb / 1P
Power Inductor&2 in 1 Power Transformer
CLS4D23 SUMIDA-CLS4D23 Datasheet
160Kb / 2P
Power Inductor & 2 in 1 Power Transformer
CLS4D18 SUMIDA-CLS4D18 Datasheet
40Kb / 2P
Power Inductor & 2 in 1 Transformer
CLS4D14 SUMIDA-CLS4D14_07 Datasheet
46Kb / 2P
Power Inductor & 2 in 1 Transformer
CLS4D11 SUMIDA-CLS4D11_07 Datasheet
42Kb / 2P
Power Inductor & 2 in 1 Transformer
CLS4D09 SUMIDA-CLS4D09_07 Datasheet
39Kb / 2P
Power Inductor& 2 in 1 Transformer
CLS3D23 SUMIDA-CLS3D23 Datasheet
56Kb / 2P
Power Inductor & 2 in 1 Power Transformer
CLS4D23B SUMIDA-CLS4D23B Datasheet
202Kb / 4P
Power Inductor & 2 in 1 Transformer
CLS4D09 SUMIDA-CLS4D09_10 Datasheet
123Kb / 2P
Power Inductor& 2 in 1 Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com