Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN7462 Datasheet (PDF) - NXP Semiconductors

PN7462 Datasheet PDF - NXP Semiconductors
Part # PN7462
Download  PN7462 Download
File Size   825.83 Kbytes
Page   84 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NFC Cortex-M0 microcontroller with contact interface

PN7462 Datasheet (PDF)

Go To PDF Page Download Datasheet
PN7462 Datasheet PDF - NXP Semiconductors

Part # PN7462
Download  PN7462 Click to download

File Size   825.83 Kbytes
Page   84 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NFC Cortex-M0 microcontroller with contact interface

PN7462 Datasheet (HTML) - NXP Semiconductors


PN7462 Product details

1. General description
The PN7462 is a 32-bit ARM Cortex-M0-based NFC microcontroller offering high
performance and low power consumption. It has a simple instruction set and memory
addressing along with a reduced code size compared to existing architectures. PN7462
offers an all in one solution, with features such as NFC, microcontroller, optional contact
smart card reader, and software in a single chip. It operates at CPU frequencies of
up to 20 MHz.
The peripheral complement of the PN7462 microcontroller includes 160 kB of flash
memory, 12 kB of SRAM data memory and 4 kB EEPROM. It also includes one host
interface with either high-speed mode I2C-bus, SPI, USB or high-speed UART, and two
master interfaces, SPI and fast-mode plus I2C-bus. Four general-purpose counter/timers,
a random number generator, one CRC coprocessor and up to 21 general-purpose I/O
pins are also available.
The PN7462 NFC microcontrollers offer a one chip solution to build contactless
applications. It is equipped with a highly integrated high-power output NFC-IC for
contactless communication at 13.56 MHz enabling EMV-compliance on RF level, without
additional external active components.
PN7462 supports the following operating modes:
• ISO/IEC 14443-A and B, MIFARE
• JIS X 6319-4 (comparable with FeliCa scheme)
• ISO/IEC 15693, ICODE, ISO/IEC 18000-3 mode 3
• NFC protocols - tag reader/writer, P2P
• ISO/IEC 14443- type A card emulation
• EMVCo compliance

2. Features and benefits
2.1 Integrated contact interface frontend
 Class A, B, and C cards can work on 1.8 V, 3 V, and 5 V supply
 Specific ISO UART, variable baud rate through frequency or division ratio
programming, error management at character level for T = 0, and extra guard time
register
 DC-to-DC converter for class A support starting at 3 V, and class B support starting
at 2.7 V
 Thermal and short-circuit protection on contact cards
 Automatic activation and deactivation sequence, initiated by software or by hardware
in case of short-circuit, card removal, overheating, and VDD or VDD drop-out
 Enhanced ESD protection (> 12 kV)
 ISO/IEC 7816 compliant
 EMVCo 4.3 compliant
 Clock generation up to 13.56 MHz
 Synchronous card support
 Possibility to extend the number of contact interfaces, with the addition of slot
extenders such as TDA8026
2.2 Integrated contactless interface frontend
 High RF output power frontend IC for transfer speed up to 848 kbit/s
 NFC IP1 and NFC IP2 support
 Full NFC tag support (type 1, type 2, type 3, type 4A and type 4B)
 P2P active and passive, target and initiator
 Card emulation ISO14443 type A
 ISO/IEC 14443 type A and type B
 MIFARE classic card
 ISO/IEC 15693, and ISO/IEC 18000-3 mode 3
 Low power card detection
 Dynamic Power Control (DPC) support
 Compliance with EMV contactless protocol specification
 Compliance with NFC standards
2.3 Cortex-M0 microcontroller
 Processor core
 ARM Cortex: 32-bit M0 processor
 Built-in Nested Vectored Interrupt Controller (NVIC)
 Non-maskable interrupt
 24-bit system tick timer
 Running frequency of up to 20 MHz
 Clock management to enable low power consumption
 Memory
 Flash: 160 kB
SRAM: 12 kB
 EEPROM: 4 kB
 40 kB boot ROM included, including USB mass storage primary bootloader for
code download
 Debug option
 Serial Wire Debug (SWD) interface
 Peripherals
 Host interface:
 USB 2.0 full speed with USB 3.0 hub connection capability
 HSUART for serial communication, supporting standards speeds from 9600 baud
to 115200 baud, and faster speed up to 1.288 Mbit/s
 SPI with half duplex and full duplex capability with speeds up to 7 Mbit/s
 I2C supporting standard mode, fast mode and high-speed mode with multiple
address support
 Master interface:
 SPI with half duplex capability from 1 Mbit/s to 6.78 Mbit/s
 I2C supporting standard mode, fast mode, fast mode plus and clock stretching
 Up to 21 General-Purpose I/O (GPIO) with configurable pull-up/pull-down resistors
 GPIO1 to GPIO12 can be used as edge and level sensitive interrupt sources
 Power
 Two reduced power modes: standby mode and hard power-down mode
 Supports suspend mode for USB host interface
 Processor wake-up from hard power-down mode, standby mode, suspend mode
via host interface, contact card interface, GPIOs, RF field detection
 Integrated PMU to adjust internal regulators automatically, to minimize the power
consumption during all possible power modes
 Power-on reset
 RF supply: external, or using an integrated LDO (TX LDO, configurable with 3 V,
3.3 V, 3.6 V, 4.5 V, and 4.75 V)
 Pad voltage supply: external 3.3 V or 1.8 V, or using an integrated LDO (3.3 V
supply)
 Integrated contact interface voltage regulation for 1.8 V, 3 V, and 5 V card supply,
including a DC-to-DC converter for supporting class A and class B cards
 Timers
 Four general-purpose timers
 Programmable WatchDog Timer (WDT)
 CRC coprocessor
 Random number generator
 Clocks
 Crystal oscillator at 27.12 MHz
 Dedicated PLL at 48 MHz for the USB
 Integrated HFO 20 MHz and LFO 365 kHz
 General
 HVQFN64 package
 Temperature range: 40 C to +85 C
3. Applications
 Physical access control
 Gaming
 USB NFC reader, including dual interface smart card readers
 Home banking, payment readers EMVCo compliant
 High integration devices
 NFC applications




Similar Part No. - PN7462

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7462 NXP-PN7462 Datasheet
985Kb / 4P
First all-in-one full NFC controller solution
2016
PN7462 NXP-PN7462 Datasheet
2Mb / 58P
PN7462AU Quick Start Guide - Customer Board
Rev. 1.0-29 March 2016
PN7462 NXP-PN7462 Datasheet
998Kb / 104P
NFC Cortex-M0 microcontroller
Rev. 4.0 - 1 February 2018
PN7462AUEV NXP-PN7462AUEV Datasheet
998Kb / 104P
NFC Cortex-M0 microcontroller
Rev. 4.0 - 1 February 2018
PN7462AUHN NXP-PN7462AUHN Datasheet
998Kb / 104P
NFC Cortex-M0 microcontroller
Rev. 4.0 - 1 February 2018
More results


Similar Description - PN7462

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
NXP Semiconductors
PN746X NXP-PN746X Datasheet
716Kb / 86P
NFC Cortex-M0 microcontroller
Rev. 3.1-5 April 2016
PN7360AUHN NXP-PN7360AUHN Datasheet
716Kb / 86P
NFC Cortex-M0 microcontroller
Rev. 3.1-5 April 2016
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Princeton Technology Co...
PT32C302 PTC-PT32C302 Datasheet
213Kb / 3P
ARM 짰 Cortex??M0 Microcontroller
PT32M625 PTC-PT32M625 Datasheet
268Kb / 4P
ARM 짰 Cortex??M0 Microcontroller
PT32U301 PTC-PT32U301 Datasheet
494Kb / 9P
ARM 짰 Cortex??M0 Microcontroller
logo
NXP Semiconductors
PN736X NXP-PN736X Datasheet
746Kb / 80P
NFC Cortex-M0 microcontroller
Rev. 3.3 - 7 September 2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com