Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S28HS256T Datasheet (PDF) - Infineon Technologies AG

S28HS256T Datasheet PDF - Infineon Technologies AG
Part # S28HS256T
Download  S28HS256T Download
File Size   1619.54 Kbytes
Page   156 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Octal interface, 1.8V/3.0V

S28HS256T Datasheet (PDF)

Go To PDF Page Download Datasheet
S28HS256T Datasheet PDF - Infineon Technologies AG

Part # S28HS256T
Download  S28HS256T Click to download

File Size   1619.54 Kbytes
Page   156 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Octal interface, 1.8V/3.0V

S28HS256T Datasheet (HTML) - Infineon Technologies AG


S28HS256T Product details

Features
• Infineon® 45-nm MIRRORBIT™ technology that stores two data bits in each memory array cell
• Sector architecture options
- Uniform: Address space consists of all 256KB sectors
- Hybrid:
• Configuration 1 - Address space consists of thirty-two 4 KB sectors grouped either on the top or the bottom
while the remaining sectors are all 256KB
• Configuration 2 - Address space consists of thirty-two 4 KB sectors equally split between top and bottom
while the remaining sectors are all 256KB
• Page programming buffer of 256 or 512 bytes
• OTP secure silicon array of 1024 bytes (32  32 bytes)
• Octal interface (8S-8S-8S, 8D-8D-8D)
- JEDEC eXpanded serial peripheral interface (SPI) (JESD251) compliant
- SDR option runs up to 200-MBps (200 MHz clock speed)
- DDR option runs up to 400-MBps (200 MHz clock speed)
- Supports data strobe (DS) to simplify the read data capture in high-speed systems
• SPI (1S-1S-8S, 1S-8S-8S 256T only)
- JEDEC eXpanded SPI (JESD251) compliant
- SDR option runs up to 21-MBps (166 MHz clock speed)
• Functional safety features
- Functional safety ISO26262 ASIL B compliant and ASIL D ready
- Infineon® Endurance Flex architecture provides high-endurance and long retention partitions
- Interface CRC detects errors on communication interface between host controller and SEMPER™ Flash device
- Data integrity CRC detects errors in memory array
- SafeBoot reports device initialization failures, detects configuration corruption and provides recovery options
- Built-in error correcting code (ECC) corrects single-bit error and detects double-bit error (SECDED) on memory
array data
- Sector erase status indicator for power loss during erase
• Protection features
- Legacy block protection (LBP) for memory array and device configuration
- Advanced sector protection (ASP) for individual memory array sector based protection
• AutoBoot enables immediate access to the memory array following power-on
• Hardware reset through CS# signaling method (JEDEC) OR individual RESET# pin
• Serial flash discoverable parameters (SFDP) describing device functions and features
• Device identification, manufacturer identification and unique identification
• Data integrity
- 256 Mb devices
• Min. 640,000 program-erase cycles for the main array
- 512 Mb devices
• Min. 1,280,000 program-erase cycles for the main array




Similar Part No. - S28HS256T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
S28HS256T INFINEON-S28HS256T Datasheet
1Mb / 138P
S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-18216 Rev. *W
S28HS256T INFINEON-S28HS256T Datasheet
1Mb / 175P
S256Mb SEMPER™ Flash Octal interface, 1.8V/3.0V
Rev. A 2024-05-29
S28HS256TGZBHA01X INFINEON-S28HS256TGZBHA01X Datasheet
1Mb / 175P
S256Mb SEMPER™ Flash Octal interface, 1.8V/3.0V
Rev. A 2024-05-29
S28HS256TGZBHB01X INFINEON-S28HS256TGZBHB01X Datasheet
1Mb / 175P
S256Mb SEMPER™ Flash Octal interface, 1.8V/3.0V
Rev. A 2024-05-29
S28HS256TGZBHB81X INFINEON-S28HS256TGZBHB81X Datasheet
1Mb / 175P
S256Mb SEMPER™ Flash Octal interface, 1.8V/3.0V
Rev. A 2024-05-29
More results


Similar Description - S28HS256T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP4555 FAIRCHILD-FXLP4555 Datasheet
992Kb / 13P
1.8V / 3.0V SIM Card Power Supply and Level Shifter
FXLP4555MPX FAIRCHILD-FXLP4555MPX Datasheet
992Kb / 13P
1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
Asahi Kasei Microsystem...
AK8150CU AKM-AK8150CU Datasheet
371Kb / 6P
1.8V/3.0V Single-PLL Clock Generator
logo
Infineon Technologies A...
S26HS02GT INFINEON-S26HS02GT Datasheet
214Kb / 13P
2Gb/4Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-34696 Rev. **
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
S28HS02GT INFINEON-S28HS02GT Datasheet
164Kb / 12P
2Gb/4Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-34695 Rev. **
S28HS256T INFINEON-S28HS256T Datasheet
1Mb / 138P
S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-18216 Rev. *W
logo
Integrated Silicon Solu...
IS66WVO16M8DALL ISSI-IS66WVO16M8DALL Datasheet
940Kb / 34P
128Mb OctalRAM 1.8V/3.0V SERIAL PSRAM MEMORY WITH 200MHZ DTR OPI (OCTAL PERIPHERAL INTERFACE) PROTOCOL
Rev. A2 02/25/2022
IS66WVO32M8DALL ISSI-IS66WVO32M8DALL Datasheet
934Kb / 34P
256Mb OctalRAM 1.8V/3.0V SERIAL PSRAM MEMORY WITH 200MHZ DTR OPI (OCTAL PERIPHERAL INTERFACE) PROTOCOL
Rev. A2 02/25/2022
IS66WVO8M8DALL ISSI-IS66WVO8M8DALL Datasheet
939Kb / 34P
64Mb OctalRAM 1.8V/3.0V SERIAL PSRAM MEMORY WITH 200MHZ DTR OPI (OCTAL PERIPHERAL INTERFACE) PROTOCOL
Rev. A1 02/25/2022
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com