Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS203B0 Datasheet (PDF) - Infineon Technologies AG

TLS203B0 Datasheet PDF - Infineon Technologies AG
Part # TLS203B0
Download  TLS203B0 Download
File Size   2408.42 Kbytes
Page   31 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Linear Voltage Post Regulator Low Dropout, Low Noise, 3.3 V, Adjustable, 300 mA

TLS203B0 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLS203B0 Datasheet PDF - Infineon Technologies AG

Part # TLS203B0
Download  TLS203B0 Click to download

File Size   2408.42 Kbytes
Page   31 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Linear Voltage Post Regulator Low Dropout, Low Noise, 3.3 V, Adjustable, 300 mA

TLS203B0 Datasheet (HTML) - Infineon Technologies AG


TLS203B0 Product details

Overview
Features
• Low Noise down to 24 µVRMS (BW = 10 Hz to 100 kHz)
• 300 mA Current Capability
• Low Quiescent Current: 30 µA
• Wide Input Voltage Range up to 20 V
• Internal circuitry working down to 2.3 V
• 2.5% Output Voltage Accuracy (over full temperature and load range)
• Low Dropout Voltage: 270 mV
• Very low Shutdown Current: < 1 µA
• No Protection Diodes Needed
• Fixed Output Voltage: 3.3 V
• Adjustable Version with Output from 1.22 V to 20 V
• Stable with ≥ 3.3 µF Output Capacitor
• Stable with Aluminium, Tantalum or Ceramic Output Capacitors
• Reverse Polarity Protection
• No Reverse Current
• Overcurrent and Overtemperature Protected
• PG-DSO-8 Exposed Pad and PG-TSON-10 Exposed Pad Package
• Suitable for Use in Automotive Electronics as Post Regulator
• Green Product (RoHS compliant)
• AEC Qualified




Similar Part No. - TLS203B0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0EJV INFINEON-TLS203B0EJV Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0EJV INFINEON-TLS203B0EJV Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0EJV33 INFINEON-TLS203B0EJV33 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0EJV33 INFINEON-TLS203B0EJV33 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
More results


Similar Description - TLS203B0

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1205 UNISEM-US1205 Datasheet
26Kb / 3P
300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
logo
Analog Devices
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Infineon Technologies A...
TLF1963 INFINEON-TLF1963 Datasheet
1Mb / 24P
Low Dropout Linear Voltage Post Regulator
Rev. 1.0, 2012-11-08
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com