Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD0211CWT-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

DGD0211CWT-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # DGD0211CWT-TP
Download  DGD0211CWT-TP Download
File Size   4187.58 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Single-Channel, High-Speed, Low-side Gate Driver

DGD0211CWT-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
DGD0211CWT-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # DGD0211CWT-TP
Download  DGD0211CWT-TP Click to download

File Size   4187.58 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Single-Channel, High-Speed, Low-side Gate Driver

DGD0211CWT-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


DGD0211CWT-TP Product details

Features

« 4.510 18-V Single Supply Range

« Outputs Held Low During VDD UVLO

« TTL and CMOS Compatible Input-Logic Threshold

« Input Design Output Held Low when Input
Pins are Floating

« Fast Rise and Fall Times (9ns and 7ns typical)

« Fast Propagation Delays (13ns typical)

« Split Output Configuration

« Strong Sink Current Offers Enhanced Immunity
Against Miller Turn on

« Input Pins Capable of Withstanding - 5 V
Below GND pin

Compact package: SOT23-5

Applications

® DC-to-DC Converters

« Desktop PC Power

« Switch-Mode Power Supplies

Companion Gate-Driver Devices for Digital
Power Controllers

« Gate Driver for Emerging Wide Band-Gap
Power Devices (such as GaN)




Similar Part No. - DGD0211CWT-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD0211CWT-7 DIODES-DGD0211CWT-7 Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
More results


Similar Description - DGD0211CWT-TP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
Single Channel High-Speed, Low-Side Gate Driver
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
Single 9A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
Single Channel High-Speed, Low-Side Gate Driver
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com