Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC101S051 Datasheet (PDF) - Texas Instruments

ADC101S051 Datasheet PDF - Texas Instruments
Part # ADC101S051
Download  ADC101S051 Download
File Size   1163.44 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter

ADC101S051 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC101S051 Datasheet PDF - Texas Instruments

Part # ADC101S051
Download  ADC101S051 Click to download

File Size   1163.44 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter

ADC101S051 Datasheet (HTML) - Texas Instruments


ADC101S051 Product details

1FEATURES
2• Specified Over a Range of Sample Rates
• 6-lead WSON and SOT-23 Packages
• Variable Power Management
• Single Power Supply with 2.7V - 5.25V Range
• SPI™/QSPI™/MICROWIRE/DSP Compatible

KEY SPECIFICATIONS
• DNL: +0.06 / -0.045 LSB (Typ)
• INL: +0.06 / -0.05 LSB (Typ)
• SNR: 49.6 dB (Typ)
• Power Consumption:
– 3.6V Supply: 1.6 mW (Typ)
– 5.25V Supply: 8.5 mW (Typ)

APPLICATIONS
• Portable Systems
• Remote Data Acquisition
• Instrumentation and Control Systems

DESCRIPTION
The ADC081S051 is a low-power, single channel
CMOS 8-bit analog-to-digital converter with a high- speed serial interface. Unlike the conventional
practice of specifying performance at a single sample
rate only, the ADC081S051 is fully specified over a
sample rate range of 200 ksps to 500 ksps. The converter is based on a successive-approximation
register architecture with an internal track-and-hold
circuit.
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
serial interfaces.
The ADC081S051 operates with a single supply that
can range from +2.7V to +5.25V. Normal power
consumption using a +3.6V or +5.25V supply is 1.6
mW and 8.5 mW, respectively. The power-down
feature reduces the power consumption to as low as
2.6 μW using a +5.25V supply.
The ADC081S051 is packaged in 6-lead WSON and
SOT-23 packages. Operation over the industrial
temperature range of −40°C to +85°C is ensured.




Similar Part No. - ADC101S051

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC101S051 NSC-ADC101S051 Datasheet
621Kb / 13P
Single Channel, 500 kSPS, 8-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051 TI-ADC101S051 Datasheet
1Mb / 26P
ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 23P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 24P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results


Similar Description - ADC101S051

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC081S051CIMF TI-ADC081S051CIMF Datasheet
1Mb / 26P
ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com