Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC101S051 Datasheet (PDF) - Texas Instruments

ADC101S051 Datasheet PDF - Texas Instruments
Part # ADC101S051
Download  ADC101S051 Download
File Size   1168.76 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC081S101 Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter

ADC101S051 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC101S051 Datasheet PDF - Texas Instruments

Part # ADC101S051
Download  ADC101S051 Click to download

File Size   1168.76 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC081S101 Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter

ADC101S051 Datasheet (HTML) - Texas Instruments


ADC101S051 Product details

1FEATURES
2• Specified Over a Range of Sample Rates.
• 6-Lead WSON and SOT-23 Packages
• Variable Power Management
• Single Power Supply with 2.7V - 5.25V Range
• SPI™/QSPI™/MICROWIRE/DSP Compatible

APPLICATIONS
• Portable Systems
• Remote Data Aquisitions
• Instrumentation and Control Systems

KEY SPECIFICATIONS
• DNL ± 0.07 LSB (typ)
• INL ± 0.05 LSB (typ)
• SNR 49.7 dB (typ)
• Power Consumption
– 3V Supply 2.0 mW (typ)
– 5V Supply 10.0 mW (typ)

DESCRIPTION
The ADC081S101 is a low-power, single channel
CMOS 8-bit analog-to-digital converter with a high- speed serial interface. Unlike the conventional
practice of specifying performance at a single sample
rate only, the ADC081S101 is fully specified over a
sample rate range of 500 ksps to 1 Msps. The converter is based upon a successive-approximation
register architecture with an internal track-and-hold
circuit.
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
serial interfaces.
The ADC081S101 operates with a single supply that
can range from +2.7V to +5.25V. Normal power
consumption using a +3V or +5V supply is 2.0 mW
and 10.0 mW, respectively. The power-down feature
reduces the power consumption to just 2.5 μW using
a +5V supply.
The ADC081S101 is packaged in an 6-lead WSON
and SOT-23 packages. Operation over the industrial
temperature range of −40°C to +85°C is ensured.




Similar Part No. - ADC101S051

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC101S051 NSC-ADC101S051 Datasheet
621Kb / 13P
Single Channel, 500 kSPS, 8-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051 TI-ADC101S051 Datasheet
1Mb / 26P
ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 23P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 24P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results


Similar Description - ADC101S051

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
2 Channel, 1 MSPS, 8-Bit A/D Converter
ADC121S101 NSC-ADC121S101_06 Datasheet
727Kb / 17P
Single Channel, 0.5 to Msps, 12-Bit A/D Converter
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC081S101 TI1-ADC081S101 Datasheet
1Mb / 23P
Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
ADC121S101 TI1-ADC121S101 Datasheet
1Mb / 29P
Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
ADC081S101-MIL TI1-ADC081S101-MIL Datasheet
430Kb / 24P
Single-Channel, 0.5 to 1-Msps, 8-Bit A/D Converter
logo
Rohm
BD79104MUF-M ROHM-BD79104MUF-M Datasheet
1Mb / 25P
Successive Approximation A/D Converter 12 bit, 0.5 MSPS to 1 MSPS, 8-channel, SPI Interface
12.Jan.2023 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com