Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10321 Datasheet (PDF) - Texas Instruments

ADC10321 Datasheet PDF - Texas Instruments
Part # ADC10321
Download  ADC10321 Download
File Size   1131.68 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC10321 10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold

ADC10321 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC10321 Datasheet PDF - Texas Instruments

Part # ADC10321
Download  ADC10321 Click to download

File Size   1131.68 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC10321 10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold

ADC10321 Datasheet (HTML) - Texas Instruments


ADC10321 Product details

1FEATURES
2• Internal Sample-and-Hold
• Single +5V Operation
• Low Power Standby Mode
• Ensured No Missing Codes
• TTL/CMOS or 3V Logic Input/Output
Compatible

APPLICATIONS
• Digital Video
• Communications
• Document Scanners
• Medical Imaging
• Electro-Optics
• Plain Paper Copiers
• CCD Imaging

KEY SPECIFICATIONS
• Resolution 10 Bits
• Conversion Rate 20 Msps
• ENOB@ 10MHz Input 9.2 Bits (typ)
• DNL 0.35 LSB (typ)
• Conversion Latency 2 Clock Cycles
• PSRR 56 dB
• Power Consumption 98 mW (typ)
• Low Power Standby Mode <4 mW (typ)

DESCRIPTION
The ADC10321 is a low power, high performance
CMOS analog-to-digital converter that digitizes
signals to 10 bits resolution at sampling rates up to
25Msps while consuming a typical 98mW from a
single 5V supply. Reference force and sense pins
allow the user to connect an external reference buffer amplifier to ensure optimal accuracy. No missing
codes is ensured over the full operating temperature
range. The unique two stage architecture achieves
9.2 Effective Bits with a 10MHz input signal and a
20MHz clock frequency. Output formatting is straight
binary coding.
To ease interfacing to 3V systems, the digital I/O
power pins of the ADC10321 can be tied to a 3V
power source, making the outputs 3V compatible.
When not converting, power consumption can be
reduced by pulling the PD (Power Down) pin high,
placing the converter into a low power standby state,
where it typically consumes less than 4mW. The
ADC10321's speed, resolution and single supply
operation makes it well suited for a variety of
applications in video, imaging, communications,
multimedia and high speed data acquisition. Low power, single supply operation ideally suit the
ADC10321 for high speed portable applications, and
its speed and resolution are ideal for charge coupled
device (CCD) input systems.
The ADC10321 comes in a space saving 32-pin
TQFP and operates over the industrial (−40°C ≤ TA ≤ +85°C) temperature range.




Similar Part No. - ADC10321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC10321 TI1-ADC10321 Datasheet
983Kb / 27P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI1-ADC10321 Datasheet
985Kb / 26P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
National Semiconductor ...
ADC10321CIVT NSC-ADC10321CIVT Datasheet
414Kb / 16P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC10321CIVT TI1-ADC10321CIVT Datasheet
983Kb / 27P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
More results


Similar Description - ADC10321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
ADC10221 NSC-ADC10221 Datasheet
414Kb / 16P
10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC10321 TI1-ADC10321_14 Datasheet
983Kb / 27P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI1-ADC10321_15 Datasheet
985Kb / 26P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com