Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1610 Datasheet (PDF) - Texas Instruments

ADS1610 Datasheet PDF - Texas Instruments
Part # ADS1610
Download  ADS1610 Download
File Size   1143.09 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER

ADS1610 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1610 Datasheet PDF - Texas Instruments

Part # ADS1610
Download  ADS1610 Click to download

File Size   1143.09 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER

ADS1610 Datasheet (HTML) - Texas Instruments


ADS1610 Product details

FEATURES
· High-Speed, Wide Bandwidth DS ADC
· 10MSPS Output Data Rate
· 4.9MHz Signal Bandwidth
· 86dBFS Signal-to-Noise Ratio
· –94dB Total Harmonic Distortion
· 95dB Spurious-Free Dynamic Range
· On-Chip Digital Filter Simplifies Anti-Alias
Requirements
· SYNC Pin for Simultaneous Sampling with
Multiple ADS1610s
· Low 3ms Group Delay
· Parallel Interface
· Directly Connects to TMS320 DSPs
· Out-of-Range Alert Pin

APPLICATIONS
· Scientific Instruments
· Test Equipment
· Communications

DESCRIPTION
The ADS1610 is a high-speed, high-precision,
delta-sigma (DS) analog-to-digital converter (ADC)
with 16-bit resolution operating from a 5V analog and
a 3V digital supply. Featuring an advanced
multi-stage analog modulator combined with an
on-chip digital decimation filter, the ADS1610
achieves 86 dBFS signal-to-noise ratio (SNR) in a
5MHz signal bandwidth; while the total harmonic
distortion is -94dB.
The ADS1610 DS topology provides key system-level
design advantages with respect to anti-alias filtering
and clock jitter. The design of the user's front-end
anti-alias filter is simplified since the on-chip digital
filter greatly attenuates out-of-band signals. The
ADS1610s filter has a brick wall response with a very
flat passband (±0.0002dB of ripple) followed
immediately by a very wide stop band (5MHz to
55MHz). Clock jitter becomes especially critical when
digitizing high frequency, large-amplitude signals.
The ADS1610 significantly reduces clock jitter
sensitivity by an effective averaging of clock jitter as
a result of oversampling the input signal.
Output data is supplied over a parallel interface and easily connects to TMS320 digital signal processors
(DSPs). The power dissipation can be adjusted with
an external resistor, allowing for reduction at lower
operating speeds.
With its outstanding high-speed performance, the
ADS1610 is well-suited for demanding applications in
data acquisition, scientific instruments, test and
measurement equipment, and communications. The ADS1610 is offered in a TQFP64 package and is
specified from –40°C to 85°C.




Similar Part No. - ADS1610

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610IPAPR BURR-BROWN-ADS1610IPAPR Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1610IPAPR TI1-ADS1610IPAPR Datasheet
1Mb / 30P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1610IPAPRG4 BURR-BROWN-ADS1610IPAPRG4 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS1610

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9139 AD-AD9139 Datasheet
1Mb / 56P
16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com