Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5270 Datasheet (PDF) - Texas Instruments

ADS5270 Datasheet PDF - Texas Instruments
Part # ADS5270
Download  ADS5270 Download
File Size   1222.31 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface

ADS5270 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5270 Datasheet PDF - Texas Instruments

Part # ADS5270
Download  ADS5270 Click to download

File Size   1222.31 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface

ADS5270 Datasheet (HTML) - Texas Instruments


ADS5270 Product details

1FEATURES
23· Maximum Sample Rate: 65MSPS
· 10-Bit Resolution
· No Missing Codes
· Total Power Dissipation:
Internal Reference: 911mW
External Reference: 845mW
· CMOS Technology
· Simultaneous Sample-and-Hold
· 61.7dBFS SNR at 5MHz IF
· 3.3V Digital/Analog Supply
· Serialized LVDS Outputs
· Integrated Frame and Bit Patterns
· Option to Double LVDS Clock Output Currents
· Four Current Modes for LVDS
· Pin- and Format-Compatible Family
· TQFP-80 PowerPAD™ Package

APPLICATIONS
· Portable Ultrasound Systems
· Tape Drives
· Test Equipment

DESCRIPTION
The ADS5277 is a high-performance, CMOS,
65MSPS, 8-channel analog-to-digital converter
(ADC). Internal references are provided, simplifying
system design requirements. Low power consumption
allows for the highest of system integration densities.
Serial LVDS (low-voltage differential signaling)
outputs reduce the number of interface lines and
package size.
An integrated phase lock loop (PLL) multiplies the
incoming ADC sampling clock by a factor of 12. This
high-frequency clock is used in the data serialization
and transmission process. The word output of each
internal ADC is serialized and transmitted either MSB
or LSB first. The word consists of 12 bits, of which
the 2 LSBs are zeroes and the remaining 10 bits
correspond to the output from the ADC. This formatting is done in order to keep the interface
compatible with the 12-bit parts of the family. In
addition to the eight data outputs, a bit clock and a
word clock are also transmitted. The bit clock is at 6x the speed of the sampling clock, whereas the word
clock is at the same speed of the sampling clock.
The ADS5277 provides internal references, or can
optionally be driven with external references. Best
performance is achieved through the internal
reference mode.
The ADS5277 is available in a PowerPAD TQFP-80
package and is specified over a –40°C to +85°C operating range.




Similar Part No. - ADS5270

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5270 TI-ADS5270 Datasheet
1Mb / 28P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5270 TI1-ADS5270 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5270 TI1-ADS5270 Datasheet
1Mb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5270 TI2-ADS5270 Datasheet
655Kb / 42P
10-Bit, Octal-Channel ADC Up to 65MSPS
REVISED JUNE 2012
More results


Similar Description - ADS5270

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5277 TI-ADS5277 Datasheet
1Mb / 28P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 TI1-ADS5271_14 Datasheet
1Mb / 32P
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com