Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5542IPAP.A Datasheet (PDF) - Texas Instruments

ADS5542IPAP.A Datasheet PDF - Texas Instruments
Part # ADS5542IPAP.A
Download  ADS5542IPAP.A Download
File Size   1224.34 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, 80 MSPS Analog-To-Digital Converter

ADS5542IPAP.A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5542IPAP.A Datasheet PDF - Texas Instruments

Part # ADS5542IPAP.A
Download  ADS5542IPAP.A Click to download

File Size   1224.34 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, 80 MSPS Analog-To-Digital Converter

ADS5542IPAP.A Datasheet (HTML) - Texas Instruments


ADS5542IPAP.A Product details

FEATURES
· 14-Bit Resolution
· 80 MSPS Sample Rate
· High SNR: 72.9 dBFS at 100 MHz f IN
· High SFDR: 88 dBc at 100 MHz fIN
· 2.3-VPP Differential Input Voltage
· Internal Voltage Reference
· 3.3-V Single-Supply Voltage
· Analog Power Dissipation: 545 mW
· Serial Programming Interface
· TQFP-64 PowerPAD™ Package
· Recommended Amplifiers:
OPA695, OPA847, THS3201, THS3202,
THS4503, THS4509, THS9001

APPLICATIONS
· Wireless Communication
– Communication Receivers
– Base Station Infrastructure
· Test and Measurement Instrumentation
· Single and Multichannel Digital Receivers
· Communication Instrumentation
– Radar, Infrared
· Video and Imaging
· Medical Equipment

DESCRIPTION
The ADS5542 is a high-performance, 14-bit, 80 MSPS analog-to-digital converter (ADC). To provide a complete
converter solution, it includes a high-bandwidth linear sample-and-hold stage (S&H) and internal reference.
Designed for applications demanding the highest speed and highest dynamic performance in little space, the
ADS5542 has excellent power consumption of 545 mW at 3.3-V single-supply voltage. This allows an even
higher system integration density. The provided internal reference simplifies system design requirements.
Parallel CMOS-compatible output ensures seamless interfacing with common logic.
The ADS5542 is available in a 64-pin TQFP PowerPAD package over the industrial temperature range -40°C to
85°C.




Similar Part No. - ADS5542IPAP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
14-Bit, 80 MSPS Analog-To-Digital Converter
ADS5542IPAPG4 TI1-ADS5542IPAPG4 Datasheet
612Kb / 33P
14-Bit, 80 MSPS Analog-To-Digital Converter
ADS5542IPAPR TI1-ADS5542IPAPR Datasheet
612Kb / 33P
14-Bit, 80 MSPS Analog-To-Digital Converter
ADS5542IPAPRG4 TI1-ADS5542IPAPRG4 Datasheet
612Kb / 33P
14-Bit, 80 MSPS Analog-To-Digital Converter
More results


Similar Description - ADS5542IPAP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
14-BIT 125-MSPS Analog-to-digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
14-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5423 TI1-ADS5423_14 Datasheet
1Mb / 28P
14 Bit, 80 MSPS Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com